Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV3327PV Datasheet(PDF) 1 Page - ON Semiconductor

Part # LV3327PV
Description  Electronic Volume IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV3327PV Datasheet(HTML) 1 Page - ON Semiconductor

  LV3327PV Datasheet HTML 1Page - ON Semiconductor LV3327PV Datasheet HTML 2Page - ON Semiconductor LV3327PV Datasheet HTML 3Page - ON Semiconductor LV3327PV Datasheet HTML 4Page - ON Semiconductor LV3327PV Datasheet HTML 5Page - ON Semiconductor LV3327PV Datasheet HTML 6Page - ON Semiconductor LV3327PV Datasheet HTML 7Page - ON Semiconductor LV3327PV Datasheet HTML 8Page - ON Semiconductor LV3327PV Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
42512 SY 20110912-S00004/N2410 SY No.A1879-1/11
Semiconductor Components Industries, LLC, 2013
June, 2013
http://onsemi.com
LV3327PV
Overview
The LV3327PV is electronic volume LSI for the volume adjustment of the portable sound equipment usage.
Features
• The mixing function is installed, and it is suitable for PND (personal navigation device) as the usage.
It is possible to output it by allocating one system in the audio guidance among four input systems, and mixing other
signals from the speaker output with the audio guidance by the microcomputer control.
• Because the volume step resolution is 0.5dB step, the volume can be made to fine-tune.
• The loudness function is installed.
Functions
• Input switching : 4 input systems (Independent control is possible.)
• Volumn control : +10dB to -79.5dB(0.5dB steps)/-∞
• Loudness control :
Taps are output starting at the -32dB position of the ladder resistor and a loudness function implemented with
external capacitor and resistor components.
• Output gain control : 0dB or +6dB select
• Mixing function
• Output switching :
2 outputs (Each Lch output, Rch output, and Lch/Rch mixing output can be selected).
• Each control is done by the sirial data input. I
2C
Bi-CMOS LSI
Electronic Volume IC
Ordering number : ENA1879A


Similar Part No. - LV3327PV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV Datasheet
224Kb / 11P
   Electronic Volume IC
LV3327PV SANYO-LV3327PV Datasheet
201Kb / 11P
   Electronic Volume IC
LV3327PV SANYO-LV3327PV_12 Datasheet
201Kb / 11P
   Electronic Volume IC
More results

Similar Description - LV3327PV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV_12 Datasheet
201Kb / 11P
   Electronic Volume IC
LV3327PV SANYO-LV3327PV Datasheet
224Kb / 11P
   Electronic Volume IC
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
   ELECTRONIC VOLUME CONTROL IC
logo
Princeton Technology Co...
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com