Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1842L Datasheet(PDF) 5 Page - Microsemi Corporation

Part # SG1842L
Description  CURRENT MODE PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1842L Datasheet(HTML) 5 Page - Microsemi Corporation

  SG1842L Datasheet HTML 1Page - Microsemi Corporation SG1842L Datasheet HTML 2Page - Microsemi Corporation SG1842L Datasheet HTML 3Page - Microsemi Corporation SG1842L Datasheet HTML 4Page - Microsemi Corporation SG1842L Datasheet HTML 5Page - Microsemi Corporation SG1842L Datasheet HTML 6Page - Microsemi Corporation SG1842L Datasheet HTML 7Page - Microsemi Corporation SG1842L Datasheet HTML 8Page - Microsemi Corporation SG1842L Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
C URRENT -M ODE PWM C ONTROLLER
SG1842/SG1843 Series
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 2000
Rev. 1.6
4/00
P RODUCTION D ATA S HEET
BLOCK DIAGRAM
* - VCC and VC are internally connected for 8 pin packages.
** - POWER GROUND and GROUND are internally connected for 8 pin packages.
OSCILLATOR
S
R
V
REF
GOOD LOGIC
INTERNAL
BIAS
S / R
5V
REF
PWM
LATCH
CURRENT SENSE
COMPARATOR
1V
R
2R
ERROR AMP
UVLO
34V
GROUND**
V
CC*
R
T/CT
V
FB
COMP
CURRENT SENSE
POWER GROUND**
OUTPUT
V
C*
V
REF
5.0V
50mA
16V (1842)
8.4V (1843)
6V (1842)
0.8V (1843)
2.5V


Similar Part No. - SG1842L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1842L MICROSEMI-SG1842L Datasheet
313Kb / 14P
   CURRENT MODE PWM CONTROLLER
SG1842L/883B MICROSEMI-SG1842L/883B Datasheet
313Kb / 14P
   CURRENT MODE PWM CONTROLLER
SG1842L/DESC MICROSEMI-SG1842L/DESC Datasheet
313Kb / 14P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - SG1842L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com