Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11862MC Datasheet(PDF) 3 Page - ON Semiconductor

Part # LB11862MC
Description  Fan Motor Driver Single-Phase, Full-Wave
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11862MC Datasheet(HTML) 3 Page - ON Semiconductor

  LB11862MC Datasheet HTML 1Page - ON Semiconductor LB11862MC Datasheet HTML 2Page - ON Semiconductor LB11862MC Datasheet HTML 3Page - ON Semiconductor LB11862MC Datasheet HTML 4Page - ON Semiconductor LB11862MC Datasheet HTML 5Page - ON Semiconductor LB11862MC Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LB11862MC
www.onsemi.com
3
Package Dimensions
unit : mm
SOIC−10 NB
CASE 751BQ
ISSUE B
SEATING
PLANE
1
5
6
10
h
X 45
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION
SHALL BE 0.10mm TOTAL IN EXCESS OF ’b’
AT MAXIMUM MATERIAL CONDITION.
4. DIMENSIONS D AND E DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS. MOLD FLASH, PROTRUSIONS, OR
GATE BURRS SHALL NOT EXCEED 0.15mm
PER SIDE. DIMENSIONS D AND E ARE DE-
TERMINED AT DATUM F.
5. DIMENSIONS A AND B ARE TO BE DETERM-
INED AT DATUM F.
6. A1 IS DEFINED AS THE VERTICAL DISTANCE
FROM THE SEATING PLANE TO THE LOWEST
POINT ON THE PACKAGE BODY.
D
E
H
A1
A
DIM
D
MIN
MAX
4.80
5.00
MILLIMETERS
E
3.80
4.00
A
1.25
1.75
b
0.31
0.51
e
1.00 BSC
A1
0.10
0.25
A3
0.17
0.25
L
0.40
0.80
M
0
8
H
5.80
6.20
C
M
0.25
M
DIMENSION: MILLIMETERS
SOLDERING FOOTPRINT*
h
0.37 REF
L2
0.25 BSC
A
TOP VIEW
C
0.20
2X 5 TIPS
A-B D
C
0.10
A-B
2X
C
0.10
A-B
2X
e
C
0.10
b
10X
B
C
C
0.10
10X
SIDE VIEW
END VIEW
DETAIL A
6.50
10X
1.18
10X
0.58
1.00
PITCH
RECOMMENDED
1
L
F
SEATING
PLANE
C
L2
A3
DETAIL A
D


Similar Part No. - LB11862MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11862M SANYO-LB11862M Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11862M SANYO-LB11862M Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
More results

Similar Description - LB11862MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11961 SANYO-LB11961 Datasheet
119Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
LB1964T SANYO-LB1964T Datasheet
35Kb / 4P
   Fan Motor Single-Phase Full-Wave Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com