Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1225MC Datasheet(PDF) 5 Page - ON Semiconductor

Part # LA1225MC
Description  FM IF Detector IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA1225MC Datasheet(HTML) 5 Page - ON Semiconductor

  LA1225MC Datasheet HTML 1Page - ON Semiconductor LA1225MC Datasheet HTML 2Page - ON Semiconductor LA1225MC Datasheet HTML 3Page - ON Semiconductor LA1225MC Datasheet HTML 4Page - ON Semiconductor LA1225MC Datasheet HTML 5Page - ON Semiconductor LA1225MC Datasheet HTML 6Page - ON Semiconductor LA1225MC Datasheet HTML 7Page - ON Semiconductor LA1225MC Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LA1225MC
No.A2052-5/8
Continued from preceding page.
Pin No.
Function
No-signal
voltage (V)
Equivalent circuit
Notes
8
Limiter amplifier output
2.8
Pin 8 and pin 7 (DET) are connected through
a capacitor.
9
IF buffer
(Also used for control SW)
0
The IF buffer output is turned on when the
voltage applied to the pin is the
recommended 1.5V or higher.
10
SD
1.6
This is an active-low output.
This is an open-collector output and can
directly drive an LED. (ICmax = 20mA)


Similar Part No. - LA1225MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
More results

Similar Description - LA1225MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
LA1225M SANYO-LA1225M Datasheet
55Kb / 8P
   FM IF Detector IC
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
   FM IF Detector
logo
Toshiba Semiconductor
TA31136F TOSHIBA-TA31136F Datasheet
712Kb / 16P
   FM IF DETECTOR IC FOR CORDLESS TELEPHONE
logo
Panasonic Semiconductor
AN5215 PANASONIC-AN5215 Datasheet
155Kb / 2P
   TV Sound-IF Amplifier, FM Detector IC
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
TK14551V TOKO-TK14551V Datasheet
334Kb / 32P
   FM IF DETECTOR/AMPLIFIER
TK14584 TOKO-TK14584 Datasheet
196Kb / 20P
   FM IF IC
TK14588 TOKO-TK14588 Datasheet
233Kb / 20P
   FM IF IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com