Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5006BKCS Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5006BKCS
Description  Crystal Oscillator Module ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5006BKCS Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5006BKCS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5006BKCS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5006BKCS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5006BKCS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5006BKCS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5006BKCS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5006BKCS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5006BKCS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5006BKCS Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SM5006 series
NIPPON PRECISION CIRCUITS—8
5V operation: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted.
P arameter
S y m b o l
Condition
Rating
Unit
min
typ
m a x
HIGH-level output voltage
V OH
Q: Measurement cct 1, V DD = 4.5 V, IOH = 16 m A
4.0
4.2
V
L O W -level output voltage
V OL
Q: Measurement cct 2, V DD = 4.5 V, IOL = 16 m A
0.3
0.4
V
Output leakage current
IZ
Q: Measurement cct 2, I N H = L O W , V DD = 5.5 V
V OH = V DD
––
1 0
µA
V OL = V SS
––
1 0
HIGH-level input voltage
V IH
INH
2.0
V
L O W -level input voltage
V IL
INH
0.8
V
Current consumption
IDD
INH = open,
Measurement cct 3,
load cct 1,
V DD = 4.5 to 5.5 V,
C L = 50 pF
f = 30 M H z
SM5006ANAS
CF5006ANA
–1 8
3 5
mA
f = 40 M H z
SM5006ANBS
CF5006ANB
–2 0
4 0
f = 60 M H z
CF5006ANC
3 0
6 0
f = 60 MHz,
Ta = –20 to 80
°C
SM5006ANCS
3 0
5 0
f = 70 M H z
CF5006AND
CF5006BNC
–4 0
8 0
f = 70 MHz,
Ta = –20 to 80
°C
SM5006ANDS
SM5006BNCS
–4 0
7 0
INH = open,
Measurement cct 3,
load cct 1,
V DD = 4.5 to 5.5 V
f = 60 MHz, C L = 15 pF,
Ta = –15 to 75
°C
CF5006CNC
2 8
5 0
f = 60 MHz, C L = 15 pF,
Ta = 0 to 70
°C
SM5006CNCS
2 8
5 0
f = 70 MHz, C L = 15 pF,
Ta = –15 to 75
°C
CF5006CND
CF5006DNC
–3 5
6 5
f = 70 MHz, C L = 15 pF,
Ta = 0 to 70
°C
SM5006CNDS
SM5006DNCS
–3 5
6 5
f = 100 MHz, C L = 15 pF,
Ta = –20 to 80
°C
CF5006CNE
CF5006DNE
–4 5
8 0
f = 100 MHz, C L = 15 pF,
Ta = 0 to 70
°C
SM5006CNES
SM5006DNES
–4 5
8 0
f = 100 MHz, C L = 30 pF
CF5006ANE
5 0
1 0 0
f = 100 MHz, C L = 15 pF
SM5006ANES
4 5
9 0
f = 107 MHz, C L = 30 pF,
Ta = –20 to 80
°C
CF5006ANF
CF5006BNE
6 0
100
f = 107 MHz, C L = 15 pF,
Ta = –20 to 80
°C
SM5006ANFS
SM5006BNES
–5 0
9 0
INH pull-up resistance
R UP
Measurement cct 4
5 0
1 5 0
k
Feedback resistance
R f
Measurement cct 5
SM5006ANAS , CF5006ANA
6.97
8.2
9.43
k
SM5006ANBS , CF5006ANB
4.76
5.6
6.44
SM5006ANCS , CF5006ANC
SM5006CNCS , CF5006CNC
4.16
4.9
5.64
SM5006ANDS , CF5006AND
SM5006ANES , CF5006ANE
SM5006ANFS , CF5006ANF
SM5006CNDS , CF5006CND
SM5006CNES , CF5006CNE
2.21
2.6
2.99
Built-in resistance
R G
Design value, determined by the Rf value
1 7
2 0
2 3
R D
Design value, determined by the Rf value
1 7
2 0
2 3
Built-in capacitance
C G
Design value, determined by the internal wafer pattern
7.44
8
8.56
pF
C D
Design value, determined by the internal wafer pattern
14.88
1 6
17.12


Similar Part No. - SM5006BKCS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006BKCS NPC-SM5006BKCS Datasheet
129Kb / 19P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5006BKCS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com