Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GRZ520 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part No. GRZ520
Description  Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 2000V Forward Current 0.5A
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOOD-ARK [GOOD-ARK Electronics]
Homepage  http://www.goodark.com
Logo 

GRZ520 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GRZ520
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 2000V Forward Current 0.5A
www.goodark.com
2/4
2015.01-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non‐Repetitive Peak 
Forward Surge Current
Figure 4. Typical Junction Capacitance
Figure 3. Typical Reverse Characteristics 
Figure 5. Typical Instantaneous Forward 
Characteristics 
www.goodark.com
2/4
2015.01-Rev.A


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn