Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GRZ520 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part No. GRZ520
Description  Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 2000V Forward Current 0.5A
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOOD-ARK [GOOD-ARK Electronics]
Homepage  http://www.goodark.com
Logo 

GRZ520 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GRZ520
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 2000V Forward Current 0.5A
www.goodark.com
1/4
2015.01-Rev.A
Features
• Ideal for automated placement
• Glass passivated fast recovery rectifiers
• High reverse voltage
• High reverse voltage
• High forward surge capability
• Moisture sensitivity: level 1, per J-STD-020
Typical Applications
DO‐214AC(SMA)
• For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies and other consumer applications.
Mechanical Data
• Case:DO-214AC, molded epoxy body,Epoxy meets UL 94V-0 flammability rating
• Terminal:Matte tin plated leads, solderable per J-STD-002 and JESD22B-106
• Polarity:Indicated by cathode band
Maximum Ratings and Electrical Characteristics
(TA = 25 °C unless otherwise noted)
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Parameter
Symbol
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
TL (See Fig.1)
0.5
GRZ520
2000
1400
2000
Peak forward surge current83ms single half
IFSM
A
VF
Volts
@Ta=25℃
@Ta=125℃
IF=0.5A,IR=1.0A
Irr=0.25A
uA
250.0
nS
Maximum DC reverse
current at rated DC blocking
lt
IR
5.0
Maximum reverse recovery
time
trr
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
25.0
Maximum forward voltage at IF=0.5Amps
1.7
300
Irr 0.25A
CJ
pF
RθJA
/W
TJ,
TSTG
°C
Notes:1.Measured at 1.0MHz and applied reverse voltage of 4.0 D.C.
2.Thermal resistance from junction to ambient, 8.0×8.0mm copper pads to each terminal
Typical junction capacitance(Note1)
5.0
Typical thermal resistance(Note2)
TBD
time
Operating junction and storage temperature
range
- 55 to + 150
www.goodark.com
1/4
2015.01-Rev.A


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn