Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GRZ520 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part No. GRZ520
Description  Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 2000V Forward Current 0.5A
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOOD-ARK [GOOD-ARK Electronics]
Homepage  http://www.goodark.com
Logo 

GRZ520 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GRZ520
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 2000V Forward Current 0.5A
www.goodark.com
3/4
2015.01-Rev.A
Package Outline Dimensions
in inches (millimeters)
www.goodark.com
3/4
2015.01-Rev.A


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn