Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W28F001 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-W28F001
Description  Bandpass Waveguide Filter With WR-28 Interface And a Pass Band From 30 GHz to 31 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W28F001 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-W28F001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W28F001 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Passband
Band Pass
Connector 1
WR-28
Connector 2
WR-28
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Passband Frequency Range
30
-
31
GHz
Insertion Loss
1.5
dB
Passband VSWR
1.4:1
Rejection at 29 GHz
60
dB
Rejection at 31 GHz
60
dB
.
Mechanical Specifications
Size
Length
3.09 in [78.49 mm]
Width
0.75 in [19.05 mm]
Height
0.75 in [19.05 mm]
.
Connector 1
Type
WR-28
Connector 2
Type
WR-28
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Bandpass Waveguide Filter With WR-28 Interface And a Pass Band From 30 GHz to 31 GHz
PE-W28F001
PE-W28F001
PE-W28F001 REV 1.0
Bandpass Waveguide Filter With WR-28 Interface
And a Pass Band From 30 GHz to 31 GHz


Similar Part No. - PE-W28F001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28F002 PASTERNACK-PE-W28F002 Datasheet
327Kb / 2P
   Bandpass Waveguide Filter With WR-28 Interface And a Pass Band From 38 GHz to 40 GHz
More results

Similar Description - PE-W28F001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28F002 PASTERNACK-PE-W28F002 Datasheet
327Kb / 2P
   Bandpass Waveguide Filter With WR-28 Interface And a Pass Band From 38 GHz to 40 GHz
PE-W42F001 PASTERNACK-PE-W42F001 Datasheet
325Kb / 2P
   Bandpass Waveguide Filter With WR-42 Interface And a Pass Band From 20.2 GHz to 21.2 GHz
PE-W42F004 PASTERNACK-PE-W42F004 Datasheet
326Kb / 2P
   Bandpass Waveguide Filter With WR-42 Interface And a Pass Band From 24.25 GHz to 24.45 GHz
PE-W42F003 PASTERNACK-PE-W42F003 Datasheet
326Kb / 2P
   Bandpass Waveguide Filter With WR-42 Interface And a Pass Band From 25.05 GHz to 25.25 GHz
PE-W42F002 PASTERNACK-PE-W42F002 Datasheet
334Kb / 2P
   Bandpass Waveguide Filter With WR-42 Interface And a Pass Band From 24.25 GHz to 24.45 GHz
PE12D1005 PASTERNACK-PE12D1005 Datasheet
693Kb / 4P
   Waveguide Mixer Down Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power
PE8747 PASTERNACK-PE8747 Datasheet
352Kb / 3P
   9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
PE8744 PASTERNACK-PE8744 Datasheet
342Kb / 3P
   9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
PE-W28TF005-12 PASTERNACK-PE-W28TF005-12 Datasheet
398Kb / 4P
   WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PE-W28TF005-24 PASTERNACK-PE-W28TF005-24 Datasheet
393Kb / 4P
   WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com