Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-W22S001-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part No. PE-W22S001-12
Description  WR-22 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG-383 - U Flange Operating from 33 GHz to 50 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W22S001-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W22S001-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W22S001-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Power Data
Outline Drawing
WR-22 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG-383/U Flange Operating from 33 GHz to
50 GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-22 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG-383/U
Flange Operating from 33 GHz to 50 GHz
PE-W22S001-12
URL: http://www.pasternack.com/wr-22-straight-waveguide-section-ug-383-33-50-ghz-pe-w22s001-12-p.aspx
PE-W22S001-12 REV 1
PE-W22S001-12
WR-22 Instrumentation Grade Straight Waveguide Section 12 Inch
Length with UG-383/U Flange Operating from 33 GHz to 50 GHz


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn