Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-W15CP001-20 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part No. PE-W15CP001-20
Description  WR-15 20 dB Directional Waveguide Coupler With UG-385 - U Flange and H-Plane Coupled
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE-W15CP001-20 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
TECHNICAL DATA SHEET
PE-W15CP001-20
PE-W15CP001-20 REV 1.0
-50
-40
-30
-20
-10
0
50
55
60
65
70
75
Frequency (GHz)
PE-W15CP001-20 Return Loss
Main Line Return Loss
Coupled LIne Return Loss
WR-15 20 dB Directional Waveguide Coupler With UG-385/U Flange and H-Plane Coupled Port From 50 GHz to 75 GHz V
Band from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-15 20 dB Directional Waveguide Coupler With UG-385/U Flange and H-Plane Coupled Port
From 50 GHz to 75 GHz V Band PE-W15CP001-20
URL: http://www.pasternack.com/wr-15-20db-directional-waveguide-coupler-ug-385-h-bend-pe-w15cp001-20-p.aspx
WR-15 20 dB Directional Waveguide Coupler
With UG-385/U Flange and H-Plane Coupled
Port From 50 GHz to 75 GHz V Band


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn