Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PE-W15CP001-20 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part No. PE-W15CP001-20
Description  WR-15 20 dB Directional Waveguide Coupler With UG-385 - U Flange and H-Plane Coupled
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE-W15CP001-20 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TECHNICAL DATA SHEET
-45
-40
-35
-30
-25
-20
-15
Frequency (GHz)
PE-W15CP001-20 Directivity (Typ)
Directivity (dB)
-2
-1.5
-1
-0.5
0
50
55
60
65
70
75
Frequency (GHz)
PE-W15CP001-20 Insertion Loss
Insertion Loss (dB)
Maximum Insertion Loss
(Including Coupling Loss)
PE-W15CP001-20
PE-W15CP001-20 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-15 20 dB Directional Waveguide Coupler With UG-385/U Flange and H-Plane Coupled
Port From 50 GHz to 75 GHz V Band PE-W15CP001-20
WR-15 20 dB Directional Waveguide Coupler
With UG-385/U Flange and H-Plane Coupled
Port From 50 GHz to 75 GHz V Band


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn