Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-W12CP001-20 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part No. PE-W12CP001-20
Description  WR-12 20 dB Directional Waveguide Coupler With UG-387 - U Flange and H-Plane Coupled
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W12CP001-20 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-W12CP001-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
The PE-W12CP001-20 is a millimeter-wave directional waveguide coupler that operates in the frequency range of 60 to 90
GHz (E Band). This E band component offers a nominal coupling level of 20 dB, mean coupling accuracy of +/- 1, coupling
flatness of 1.5 dB, and has a maximum VSWR level of 1.2:1. The design is made of gold plated brass copper and incorporates
a multi-hole configuration that results in typical directivity of 30 dB. Common applications for this millimeter wave component
involve test setups where power reflection measurements are required that might involve power sampling and frequency
monitoring with minimal signal loss to the main transmission path. This H plane coupler uses integrated WR-12 waveguide
ports with UG 387/U flanges. Pasternack offers a complete family of waveguide millimeter wave directional couplers that are
in-stock for same day shipment.
Features
• 20 dB Nominal Coupling Level
• H-Plane Waveguide Coupler
60 GHz to 90 GHz Frequency Range
• Body and Flanges made of Brass Copper
• Gold Plated Waveguide
1.2:1 VSWR
Applications
• Test Benches
Radar
Satellite
Microwave Radio
• Attenuation Measurements
• Power Measurements
Source Leveling
Configuration
Waveguide Size
WR-12
Flange 1
UG-387/U
Flange 2
UG-387/U
Flange 3
UG-387/U
Design
Directional Coupler
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
60
90
GHz
Directivity
30
dB
Insertion Loss
1
dB
Input VSWR
1.2:1
Secondary Line VSWR
1.2:1
Nominal Coupling Level
20
dB
Mean Coupling Accuracy
±1
dB
Coupling Flatness
±1.5
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-12 20 dB Directional Waveguide Coupler With UG-387/U Flange and H-Plane Coupled
Port From 60 GHz to 90 GHz E Band PE-W12CP001-20
PE-W12CP001-20
PE-W12CP001-20 REV 1.0
WR-12 20 dB Directional Waveguide Coupler
With UG-387/U Flange and H-Plane Coupled
Port From 60 GHz to 90 GHz E Band


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn