Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-W12CP001-20 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part No. PE-W12CP001-20
Description  WR-12 20 dB Directional Waveguide Coupler With UG-387 - U Flange and H-Plane Coupled
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W12CP001-20 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE-W12CP001-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PE-W12CP001-20 REV 1.0
WR-12 20 dB Directional Waveguide Coupler With UG-387/U Flange
and H-Plane Coupled Port From 60 GHz to 90 GHz E Band
PE-W12CP001-20 CAD Drawing


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn