Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W12CP001-20 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE-W12CP001-20
Description  WR-12 20 dB Directional Waveguide Coupler With UG-387 - U Flange and H-Plane Coupled
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W12CP001-20 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE-W12CP001-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE-W12CP001-20 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TECHNICAL DATA SHEET
-45
-40
-35
-30
-25
-20
-15
60
65
70
75
80
85
90
Frequency (GHz)
PE-W12CP001-20 Directivity (Typ)
Directivity (dB)
-2
-1.5
-1
-0.5
0
60
65
70
75
80
85
90
Frequency (GHz)
PE-W12CP001-20 Insertion Loss
Insertion Loss (dB)
Maximum Insertion Loss
(Including Coupling Loss)
PE-W12CP001-20
PE-W12CP001-20 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-12 20 dB Directional Waveguide Coupler With UG-387/U Flange and H-Plane Coupled
Port From 60 GHz to 90 GHz E Band PE-W12CP001-20
WR-12 20 dB Directional Waveguide Coupler
With UG-387/U Flange and H-Plane Coupled
Port From 60 GHz to 90 GHz E Band


Similar Part No. - PE-W12CP001-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W12CP001-10 PASTERNACK-PE-W12CP001-10 Datasheet
520Kb / 6P
   WR-12 10 dB Directional Waveguide Coupler With UG-387 - U Flange and H-Plane Coupled
More results

Similar Description - PE-W12CP001-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W12CP001-10 PASTERNACK-PE-W12CP001-10 Datasheet
520Kb / 6P
   WR-12 10 dB Directional Waveguide Coupler With UG-387 - U Flange and H-Plane Coupled
PE-W10CP001-20 PASTERNACK-PE-W10CP001-20 Datasheet
485Kb / 6P
   WR-10 20 dB Directional Waveguide Coupler With UG 387 - U-Mod Flange and H-Plane Coupled
PE-W15CP001-20 PASTERNACK-PE-W15CP001-20 Datasheet
521Kb / 6P
   WR-15 20 dB Directional Waveguide Coupler With UG-385 - U Flange and H-Plane Coupled
PE-W10CP001-10 PASTERNACK-PE-W10CP001-10 Datasheet
483Kb / 6P
   WR-10 10 dB Directional Waveguide Coupler With UG 387 - U-Mod Flange and H-Plane Coupled
PE-W15CP001-10 PASTERNACK-PE-W15CP001-10 Datasheet
520Kb / 6P
   WR-15 10 dB Directional Waveguide Coupler With UG-385 - U Flange and H-Plane Coupled
PE-W19CP001-20 PASTERNACK-PE-W19CP001-20 Datasheet
522Kb / 6P
   WR-19 20 dB Directional Waveguide Coupler With UG-383 - U Flange and H-Plane Coupled Port From 40 GHz to 60 GHz U Band
PEWCP1012 PASTERNACK-PEWCP1012 Datasheet
424Kb / 5P
   WR-62 20 dB Directional Waveguide Broadwall Coupler, UG-419/U Square Cover Flange,E-Plane
PE-W28CP002-20 PASTERNACK-PE-W28CP002-20 Datasheet
474Kb / 6P
   WR-28 20 dB Directional Waveguide Coupler With UG-599 - U Flange and H-Plane Coupled Port From 26.5 GHz to 40 GHz Ka Band
PE-W22CP001-20 PASTERNACK-PE-W22CP001-20 Datasheet
513Kb / 6P
   WR-22 20 dB Directional Waveguide Coupler With UG-383/U Flange and H-Plane Coupled Port From 33 GHz to 50 GHz Q Band
PE-W19CP001-10 PASTERNACK-PE-W19CP001-10 Datasheet
521Kb / 6P
   WR-19 10 dB Directional Waveguide Coupler With UG-383/U Flange and H-Plane Coupled Port From 40 GHz to 60 GHz U Band
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com