Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-W10CP001-10 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part No. PE-W10CP001-10
Description  WR-10 10 dB Directional Waveguide Coupler With UG 387 - U-Mod Flange and H-Plane Coupled
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W10CP001-10 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE-W10CP001-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W10CP001-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W10CP001-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W10CP001-10 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE-W10CP001-10 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE-W10CP001-10 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
TECHNICAL DATA SHEET
PE-W10CP001-10
PE-W10CP001-10 REV 1.0
-50
-40
-30
-20
-10
0
75.0
80.0
85.0
90.0
95.0
100.0
105.0
110.0
Frequency (GHz)
PE-W10CP001-10 Return Loss
Main Line Return Loss (dB)
Coupled Line Return Loss (dB)
WR-10 10 dB Directional Waveguide Coupler With UG 387/U-Mod Flange and H-Plane Coupled Port From 75 GHz to 110
GHz W Band from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave
and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-10 10 dB Directional Waveguide Coupler With UG 387/U-Mod Flange and H-Plane Coupled
Port From 75 GHz to 110 GHz W Band PE-W10CP001-10
URL: http://www.pasternack.com/wr-10-10db-directional-waveguide-coupler-ug-387-mod-h-bend-pe-w10cp001-10-p.aspx
WR-10 10 dB Directional Waveguide Coupler
With UG 387/U-Mod Flange and H-Plane Coupled
Port From 75 GHz to 110 GHz W Band


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn