Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-W10CP001-10 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part No. PE-W10CP001-10
Description  WR-10 10 dB Directional Waveguide Coupler With UG 387 - U-Mod Flange and H-Plane Coupled
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W10CP001-10 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W10CP001-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W10CP001-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W10CP001-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W10CP001-10 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE-W10CP001-10 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE-W10CP001-10 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Size
Length
3.5 in [88.9 mm]
Width/Dia.
1 in [25.4 mm]
Height
0.82 in [20.83 mm]
.
Waveguide
Size
WR-10
Material
Brass Copper
Plating
Gold
Color
Gold
Description
Flange 1
Flange 2
Flange 3
Interface
UG 387/U-Mod
UG 387/U-Mod
UG 387/U-Mod
Material
Brass Copper
Brass Copper
Brass Copper
Plating
Gold
Gold
Gold
Color
Gold
Gold
Gold
...
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/20/2013
Plotted and Other Data
Notes:
Values at 25 °C, sea level
PE-W10CP001-10
PE-W10CP001-10 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-10 10 dB Directional Waveguide Coupler With UG 387/U-Mod Flange and H-Plane
Coupled Port From 75 GHz to 110 GHz W Band PE-W10CP001-10
WR-10 10 dB Directional Waveguide Coupler
With UG 387/U-Mod Flange and H-Plane Coupled
Port From 75 GHz to 110 GHz W Band


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn