Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC89058W-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC89058W-E
Description  Digital Audio Interface Receiver
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC89058W-E Datasheet(HTML) 1 Page - ON Semiconductor

  LC89058W-E Datasheet HTML 1Page - ON Semiconductor LC89058W-E Datasheet HTML 2Page - ON Semiconductor LC89058W-E Datasheet HTML 3Page - ON Semiconductor LC89058W-E Datasheet HTML 4Page - ON Semiconductor LC89058W-E Datasheet HTML 5Page - ON Semiconductor LC89058W-E Datasheet HTML 6Page - ON Semiconductor LC89058W-E Datasheet HTML 7Page - ON Semiconductor LC89058W-E Datasheet HTML 8Page - ON Semiconductor LC89058W-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
41509HKIM VL-2643/N0508HKIM VL-2625 No.A1056-1/64
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
LC89058W-E
1. Overview
The LC89058W-E is a digital audio interface receiver IC that demodulates signals according to a data transfer format
between digital audio devices via the IEC60958/61937 and JEITA CPR-1205. It supports demodulation sampling
frequencies of up to 192kHz. The LC89058W-E can easily replace the existing LC89057W-VF4A-E.
The LC89058W-E incorporates a number of features for its low cost and is optimal for receiving digital data for AV
amplifiers and receivers.
2. Features
2.1 Clock
• Built-in PLL false lock prevention circuit to provide accurate lock.
• Includes built-in oscillation amplifier and frequency divider for quartz resonator.
• Output clock: 512fs, 256fs, 128fs, 64fs, 32fs, 16fs, 2fs, fs, 1/2fs, and 1/4fs.
• Possible to set the oscillation amplifier (external input) clock output regardless of the PLL status.
• Generates transition period signal for switching between the PLL clock and oscillation amplifier (external input)
clock.
• Allows the user to set the PLL clock output frequency for each sampling frequency band of input data.
2.2 Data
• Can receive S/PDIF and serial data at sampling frequencies of 32kHz to 192kHz.
• Equipped with a total of 7 digital data input pins: 1 input pin with an amplifier and 6 input pins with 5V tolerable
TTL level signal.
• Can generate data to be demodulated and through output data separately from a maximum of 7 kinds of S/PDIFs.
• Equipped an S/PDIF input data detection function. Possible to monitor the data input status of 32kHz to 192kHz
with
microcontroller.
Continued on next page.
Ordering number : ENA1056A
Ordering number : ENA1056A
CMOS IC
Digital Audio Interface Receiver


Similar Part No. - LC89058W-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89058W-E SANYO-LC89058W-E Datasheet
304Kb / 64P
   Digital Audio Interface Receiver
More results

Similar Description - LC89058W-E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com