Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC89057W-VF4A-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC89057W-VF4A-E
Description  Digital Audio Interface Transceiver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC89057W-VF4A-E Datasheet(HTML) 2 Page - ON Semiconductor

  LC89057W-VF4A-E Datasheet HTML 1Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 2Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 3Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 4Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 5Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 6Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 7Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 8Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
LC89057W-VF4A-E
No.7202-2/59
2.2 Outputs various information to make system configuration easy
• Outputs DTS-CD/LD detection flag by DTS sync signal detection.
• Outputs burst preamble Pc from microcontroller interface.
• Calculates sampling frequency of input signal and outputs it from microcontroller interface.
• Outputs interrupt signal for microcontroller (interrupt source can be selected).
• Outputs signal of transitional period switching between VCO clock and oscillation amplifier clock.
• Outputs bit 1 of channel status (non-PCM data detection bit).
• Outputs emphasis information of channel status.
• Outputs renewed flag of the first 48 bits channel status.
• Channel status bit, validity flag and user data output are selectable.
• Outputs modulation/demodulation preamble B information.
• Possible to carry out and output various settings through microcontroller interface.
2.3 Plenty of built-in functions to reduce peripheral circuits
• Includes modulation function that can attach channel status, validity flag, and user data.
• Equipped with a total of 7 digital data input pins: 1 input pin with an amplifier and 6 input pins with 5V tolerable
TTL level signal.
• Possible to monitor input pin status with microcontroller by mounting a bi-phase input data detection function.
• Possible to select input data among 8 system input data including modulation function output.
• Possible to select output of input-data through among 8 system input data aside from selecting demodulation data.
• Includes 2 system bit clock and LR clock outputs. Various frequency-dividing ratios can be set to one of these two
systems.
• Equipped with a serial digital audio data input pin. Possible to switch with demodulation output.
• Possible to modulate the data that is input to the serial digital audio data input pin.
• Includes built-in oscillation amplifier and frequency divider for quartz resonator and also possible to use them as
clock generator.
• Includes 4 bits general-purpose parallel I/O port. It can be used for interface with peripheral ICs.
• All the channel status can be decoded through peripheral circuit using preamble B information.
• A continuous switching operation between external clock synchronous mode and PLL clock synchronous mode is
possible.
• Single 3.3V-power supply operation. TTL input port supports 5V interface.
• Adopts small SQFP48 package for efficient use of substrate mounting area.
Package Dimensions
unit : mm (typ)
3163B
SANYO : SQFP48(7X7)
7.0
9.0
0.15
0.18
0.5
(0.75)
112
13
24
25
36
37
48


Similar Part No. - LC89057W-VF4A-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
More results

Similar Description - LC89057W-VF4A-E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIX9211 TI1-DIX9211 Datasheet
935Kb / 107P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX)
logo
Asahi Kasei Microsystem...
AK4114 AKM-AK4114 Datasheet
450Kb / 48P
   HIGH FEATURE 192KHZ 24BIT DIGITAL AUDIO INTERFACE TRANSCEIVER
AK4115 AKM-AK4115 Datasheet
596Kb / 64P
   High Feature 192kHz 24bit Digital Audio Interface Transceiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com