Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG120-12L Datasheet(PDF) 8 Page - Microsemi Corporation

Part # SG120-12L
Description  NEGATIVE FIXED VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG120-12L Datasheet(HTML) 8 Page - Microsemi Corporation

  SG120-12L Datasheet HTML 1Page - Microsemi Corporation SG120-12L Datasheet HTML 2Page - Microsemi Corporation SG120-12L Datasheet HTML 3Page - Microsemi Corporation SG120-12L Datasheet HTML 4Page - Microsemi Corporation SG120-12L Datasheet HTML 5Page - Microsemi Corporation SG120-12L Datasheet HTML 6Page - Microsemi Corporation SG120-12L Datasheet HTML 7Page - Microsemi Corporation SG120-12L Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SG120
11/91 Rev 1.4 6/97
LINFINITY
Microelectronics
Inc.
Copyright
 1997
11861
Western
Avenue
Garden
Grove,
CA
92841
8
(714) 898-8121
FAX: (714) 893-2570
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
NEGATIVE REGULATOR
Part No.
Package
Connection Diagram
2
1
CASE IS V
IN
1
2
CASE IS V
IN
Ambient
Temperature Range
Note 1. Contact factory for JAN and DESC product availability.
2. All parts are viewed from the top.
3. "XX" to be replaced by output voltage of specific fixed regulator.
4. Some products will be available in leadless chip carrier (LCC) and hermetic flat pack (F). Consult factory for price and availability
V
OUT
V
OUT
GROUND
GROUND
SG120-XXR/883B
-55°C to 125°C
SG120-XXR
-55°C to 125°C
3-TERMINAL TO-66
METAL CAN
R-PACKAGE
3-TERMINAL TO-3
METAL CAN
K-PACKAGE
SG120-XXK/883B
-55°C to 125°C
SG120-XXK
-55°C to 125°C
V
OUT
V
IN
GROUND
3-PIN TO-39 METAL CAN
T-PACKAGE
SG120-XXT/883B
-55°C to 125°C
SG120-XXT
-55°C to 125°C
3
2
V
IN
V
OUT
GROUND
1
CASE IS V
IN
SG120-XXL/883B
-55
°C to 125°C
SG120-XXL
-55
°C to 125°C
20-PIN CERAMIC (LCC)
LEADLESS CHIP CARRIER
L- PACKAGE
SG120-XXIG/883B
-55°C to 125°C
SG120-XXIG
-55°C to 125°C
3-PIN HERMETIC TO-257
IG-PACKAGE (Isolated)
(Note 4)
1. N.C.
2. V
IN
3. N.C.
4. V
OUT
5. V
OUT
6. N.C.
7. V
OUT SENSE
8. N.C.
9. N.C.
10. N.C.
4
5
6
7
8
18
17
16
15
14
9
10 11 12 13
32
1
20 19
11. N.C.
12. N.C.
13. N.C.
14. N.C.
15. GND
16. N.C.
17. GND
18. N.C.
19. N.C.
20. V
IN


Similar Part No. - SG120-12L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG120-XXIG MICROSEMI-SG120-XXIG Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120-XXIG/883B MICROSEMI-SG120-XXIG/883B Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120-XXK MICROSEMI-SG120-XXK Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120-XXK/883B MICROSEMI-SG120-XXK/883B Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120-XXL MICROSEMI-SG120-XXL Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - SG120-12L

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com