Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5132H Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS5132H
Description  Dual Output CPU Buck Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5132H Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS5132H Datasheet HTML 4Page - ON Semiconductor CS5132H Datasheet HTML 5Page - ON Semiconductor CS5132H Datasheet HTML 6Page - ON Semiconductor CS5132H Datasheet HTML 7Page - ON Semiconductor CS5132H Datasheet HTML 8Page - ON Semiconductor CS5132H Datasheet HTML 9Page - ON Semiconductor CS5132H Datasheet HTML 10Page - ON Semiconductor CS5132H Datasheet HTML 11Page - ON Semiconductor CS5132H Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
minimizes inrush currents during regulator power-up, and
switcher output enable.
Start-up
The CS5132H provides a controlled start-up of regulator
output voltage and features Programmable Soft Start imple-
mented through the Error Amp and external Compensation
Capacitor. This feature, combined with overcurrent protec-
tion, prevents stress to the regulator power components
and overshoot of the output voltage during start-up.
As Power is applied to the regulator, the CS5132H
Undervoltage Lockout circuit (UVL) monitors the ICs sup-
ply voltage (VCC) which is typically connected to the +12V
output of the AC-DC power supply. The UVL circuit pre-
vents the NFET gates from being activated until VCC
exceeds the 8.4V (typ) threshold. Hysteresis of 300mV (typ)
is provided for noise immunity. The Error Amp Capacitor
connected to the COMP pin is charged by a 30µA current
source. This capacitor must be charged to 1.06V (typ) so
that it exceeds the PWM comparator’s offset before the V2
PWM control loop will permit switching to occur.
When VCC has exceeded 8.4V and COMP has charged to
1.06V, the upper Gate driver (GATE(H)) is activated, turn-
ing on the upper FET. This causes current to flow through
the output inductor and into the output capacitors and load
according to the following equation:
I = (VIN – VOUT) x
GATE(H) and the upper NFET remain on and inductor cur-
rent ramps up until the initial pulse is terminated by either
the PWM control loop or the overcurrent protection. This
initial pulse of in-rush current minimizes start-up time, but
does not overstress the regulator’s power components.
The PWM comparator will terminate the initial pulse if the
regulator output exceeds the voltage on the COMP pin
minus the 1.06V PWM comparator offset prior to the drop
across the current sense resistor exceeding the current limit
threshold. In this case, the PWM control loop has achieved
regulation and the initial pulse is then followed by a con-
stant off time as programmed by the COFF capacitor. The
COMP capacitor will continue to slowly charge and regula-
tor output voltage will follow it, less the 1.06V PWM offset,
until it achieves the voltage programmed by the DAC’s VID
input. The Error Amp will then source or sink current to the
COMP cap as required to maintain the correct regulator DC
output voltage. Since the rate of increase of the COMP pin
voltage is typically set much slower than the regulator’s
slew capability, inrush current, output voltage, and duty
cycle all gradually increase from zero. (See Figures 2, 3,
and 4.)
If the voltage across the Current Sense resistor generates a
voltage difference between the VFFB and VOUT pins that
exceeds the OVC Comparator Offset Voltage (86mV typi-
cal), the Fault latch is set. This causes the COMP pin to be
quickly discharged, turning off GATE(H) and the upper
NFET since the voltage on the COMP pin is now less than
the 1.06V PWM comparator offset. The Fault latch is reset
when the voltage on the COMP decreases below the
Discharge threshold voltage (0.25V typical). The COMP
capacitor will again begin to charge, and when it exceeds
the 1.06V PWM comparator offset, the regulator output will
softstart normally (see Figure 5).
Because the start-up circuitry depends on the current sense
function, a current sense resistor should always be used.
Figure 2: Normal Start-up (2ms/div).
Channel 1 - Regulator Output Voltage (1V/div)
Channel 2 - COMP Pin (1V/div)
Channel 3 - VCC (10V/div)
Channel 4 - Regulator Input Voltage (5V/div)
Figure 3: Normal Start-up showing initial pulse followed by Soft Start
(20µs/div).
Channel 1 - Regulator Output Voltage (0.2V/div)
Channel 2 – Inductor Switching Node (5V/div)
Channel 3 - VCC (10V/div)
Channel 4 - Regulator Input Voltage (5V/div)
Start-up @
VCC > 8.4V
Initial Pulse until VOUT
> COMP - PWM Offset
Start-up @
VCC > 8.4V
T
L
Application Information: continued
8


Similar Part No. - CS5132H

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5132 CHERRY-CS5132 Datasheet
238Kb / 19P
   Dual Output CPU Buck Controller
logo
ON Semiconductor
CS5132 ONSEMI-CS5132 Datasheet
153Kb / 20P
   Dual Output CPU Buck Controller
December, 2001 - Rev. 3
logo
Cherry Semiconductor Co...
CS5132GDW24 CHERRY-CS5132GDW24 Datasheet
238Kb / 19P
   Dual Output CPU Buck Controller
logo
ON Semiconductor
CS5132GDW24 ONSEMI-CS5132GDW24 Datasheet
153Kb / 20P
   Dual Output CPU Buck Controller
December, 2001 - Rev. 3
logo
Cherry Semiconductor Co...
CS5132GDWR24 CHERRY-CS5132GDWR24 Datasheet
238Kb / 19P
   Dual Output CPU Buck Controller
More results

Similar Description - CS5132H

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5132 CHERRY-CS5132 Datasheet
238Kb / 19P
   Dual Output CPU Buck Controller
logo
ON Semiconductor
CS5132 ONSEMI-CS5132 Datasheet
153Kb / 20P
   Dual Output CPU Buck Controller
December, 2001 - Rev. 3
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
CS5156 CHERRY-CS5156 Datasheet
308Kb / 14P
   CPU 5-Bit Nonsynchronous Buck Controller
logo
ON Semiconductor
CS5151H ONSEMI-CS5151H Datasheet
560Kb / 16P
   CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5151 ONSEMI-CS5151 Datasheet
572Kb / 17P
   CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com