Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3846 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG3846
Description  CURRENT MODE PWM CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3846 Datasheet(HTML) 3 Page - Microsemi Corporation

  SG3846 Datasheet HTML 1Page - Microsemi Corporation SG3846 Datasheet HTML 2Page - Microsemi Corporation SG3846 Datasheet HTML 3Page - Microsemi Corporation SG3846 Datasheet HTML 4Page - Microsemi Corporation SG3846 Datasheet HTML 5Page - Microsemi Corporation SG3846 Datasheet HTML 6Page - Microsemi Corporation SG3846 Datasheet HTML 7Page - Microsemi Corporation SG3846 Datasheet HTML 8Page - Microsemi Corporation SG3846 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SG1846
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
Collector Emitter Voltage
Collector Leakage Current
Output Low Level
Output High Level
Rise Time (Note 4)
Fall Time (Note 4)
Threshold Voltage
Input Voltage Range
Minimum Latching Current
(I
PIN 1)
(Note 7)
Maximum Non-Latching Current
(I
PIN 1)
(Note 8)
Delay to Outputs (Note 4)
T
J = 25°C
250
0
3.0
350
1.5
1.5
300
400
V
IN
0.8
600
250
0
3.0
350
1.5
1.5
300
400
V
IN
0.8
600
mV
V
mA
mA
ns
Output Section
V
C = 40V
I
SINK = 20mA
I
SINK = 100mA
I
SOURCE = 20mA
I
SOURCE = 100mA
C
L = 1nF,
T
J = 25°C
C
L = 1nF,
T
J = 25°C
40
13
12
0.1
0.4
13.5
13.5
50
50
200
0.4
2.1
300
300
40
13
12
0.1
0.4
13.5
13.5
50
50
200
0.4
2.1
300
300
V
µA
V
V
V
V
ns
ns
Amplifier Gain (Notes 5 & 6)
Maximum Differential (Note 6)
Input Signal (V
PIN 4 - VPIN 3)
(Note 5)
Input Offset Voltage (Note 5)
CMRR
PSRR
Input Bias Current (Note 5)
Input Offset Current (Note 5)
Input Common Mode Range
Delay to Outputs (Note 4)
2.5
1.1
60
60
0
2.75
1.2
5
83
84
-2.5
0.08
200
3.0
25
-10
1
V
IN -3
500
2.5
1.1
60
60
0
2.75
1.2
5
83
84
-2.5
0.08
200
3.0
25
-10
1
V
IN -3
500
Input Offset Voltage
Input Bias Current
Input Offset Current
Common Mode Range
Open Loop Voltage Gain
Unity Gain Bandwidth (Note 4)
CMRR
PSRR
Output Sink Current
Output Source Current
High Level Output Voltage
Low Level Output Voltage
V
IN = 8V to 40V
V
O = 1.2V to 3V,
V
CM = 2V
T
J = 25°C
V
CM = 0V to 38V,
V
IN = 40V
V
IN = 8V to 40V
V
ID = - 15mV to -5V,
V
PIN 7 = 1.2V
V
ID = 15mV to 5V,
V
PIN 7 = 2.5V
R
L = 15KΩ
(Pin 7)
R
L = 15KΩ
(Pin 7)
0
80
0.7
75
80
2
-0.4
4.3
0.5
-0.6
40
105
1.0
100
105
6
-0.5
4.6
0.7
5
-1
250
V
IN-2V
1
0.5
-0.6
40
105
1.0
100
105
6
-0.5
4.6
0.7
10
-2
250
V
IN -2V
1
Error Amp Section
ELECTRICAL CHARACTERISTICS (continued)
Min. Typ. Max. Min. Typ. Max.
SG1846
SG2846
Parameter
Test Conditions
Units
SG3846
39
3.9
3.9
Initial Accuracy
Voltage Stability
Temperature Stability (Note 4)
Sync Output High Level
Sync Output Low Level
Sync Input High Level
Sync Input Low Level
Sync Input Current
T
J = 25°C
V
IN = 8V to 40V
Over Operating Range
Pin 8 = 0V
Pin 8 = 0V
Sync Voltage = 5.25V, Pin 8 = 0V
43
1
1
4.35
2.3
1.2
47
2
2.5
2.5
1.5
39
3.9
3.9
43
1
1
4.35
2.3
1.2
47
2
2.5
2.5
1.5
KHz
%
%
V
V
V
V
mA
Oscillator Section (Note 9)
mV
µA
nA
V
dB
MHz
dB
dB
mA
mA
V
V
0
80
0.7
75
80
2
-0.4
4.3
Current Sense Amplifier Section
V
PIN 3 = 0V,
Pin 1 Open
Pin 1 Open R
L = 15KΩ
(Pin 7)
V
PIN 1 = 0.5V, Pin 7 Open
V
CM = 1V to 12V
V
IN = 8V to 40V
V
PIN 1 = 0.5V,
Pin 7 Open
V
PIN 1 = 0.5V,
Pin 7 Open
T
J = 25°C
V
V
mV
dB
dB
µA
µA
V
ns
Current Limit Adjust Section
Current Limit Offset Voltage(Note 5)
Input Bias Current
0.55
-30
0.5
-10
0.55
-30
0.45
0.5
-10
0.45
V
PIN 3 = 0, VPIN 4 = 0V,
Pin 7 Open
V
PIN 5 = VREF,
V
PIN 6 = 0V
Shutdown Terminal Section
V
µA


Similar Part No. - SG3846

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3846 MICROSEMI-SG3846 Datasheet
354Kb / 10P
   CURRENT MODE PWM CONTROLLER
SG3846DW MICROSEMI-SG3846DW Datasheet
354Kb / 10P
   CURRENT MODE PWM CONTROLLER
SG3846J MICROSEMI-SG3846J Datasheet
354Kb / 10P
   CURRENT MODE PWM CONTROLLER
SG3846N MICROSEMI-SG3846N Datasheet
354Kb / 10P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - SG3846

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com