Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3P2183AF-08TR Datasheet(PDF) 2 Page - ON Semiconductor

Part # ASM3P2183AF-08TR
Description  EMI Reduction IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2183AF-08TR Datasheet(HTML) 2 Page - ON Semiconductor

  ASM3P2183AF-08TR Datasheet HTML 1Page - ON Semiconductor ASM3P2183AF-08TR Datasheet HTML 2Page - ON Semiconductor ASM3P2183AF-08TR Datasheet HTML 3Page - ON Semiconductor ASM3P2183AF-08TR Datasheet HTML 4Page - ON Semiconductor ASM3P2183AF-08TR Datasheet HTML 5Page - ON Semiconductor ASM3P2183AF-08TR Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ASM3P2183A
http://onsemi.com
2
Figure 1. Block Diagram
ModOUT
PLL
XIN/CLKIN
Crystal
Oscillator
VSS
SS%
VDD
FS0 FS1
VCO
Output
Divider
Loop
Filter
Phase
Detector
Modulation
Frequency
Divider
Feedback
Divider
XOUT
Table 1. PIN DESCRIPTION
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Crystal connection or external frequency input. This pin has dual functions. It can be con-
nected to either an external crystal or an external reference clock.
2
XOUT
I
Crystal connection. Input connection for an external crystal. If using an external reference,
this pin must be left unconnected.
3
VSS
P
Ground to entire chip.
4
SS%
I
Spread range select. Digital logic input used to select frequency deviation
(Refer to Spread Deviation Selection Table). This pin has an internal pull−up resistor.
5
ModOUT
O
Spread spectrum low EMI output.
6
VDD
P
Power supply for the entire chip.
7
FS0
I
Frequency range select. Digital logic input used to select frequency range
(Refer to Input Frequency and Modulation Rate Table). This pin has an internal
pull−up resistor.
8
FS1
I
Frequency range select. Digital logic input used to select frequency range
(Refer to Input Frequency and Modulation Rate Table). This pin has an internal
pull−up resistor.
Table 2. INPUT FREQUENCY AND MODULATION RATE TABLE
FS1 (pin 8)
FS0 (pin 7)
Frequency Range
0
0
6 MHz to 13 MHz
0
1
12 MHz to 25 MHz
1
0
25 MHz to 50 MHz
1
1
50 MHz to 90 MHz
Table 3. SPREAD DEVIATION SELECTION TABLE
SS% (pin 4)
Spread Deviation (%)
0
− 1.25
1
± 0.42


Similar Part No. - ASM3P2183AF-08TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2183AF-08TR PULSECORE-ASM3P2183AF-08TR Datasheet
189Kb / 8P
   EMI Reduction IC
More results

Similar Description - ASM3P2183AF-08TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
   EMI Reduction IC
ASM3P2185A ALSC-ASM3P2185A Datasheet
388Kb / 7P
   EMI Reduction IC
ASM3P2185B ALSC-ASM3P2185B Datasheet
174Kb / 7P
   EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2183A PULSECORE-ASM3P2183A Datasheet
189Kb / 8P
   EMI Reduction IC
logo
ON Semiconductor
P2041A ONSEMI-P2041A Datasheet
112Kb / 7P
   Versatile EMI Reduction IC
August, 2011 ??Rev. 2
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
   Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P73Z01AW ONSEMI-PCS3P73Z01AW Datasheet
202Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2041A ALSC-P2041A Datasheet
285Kb / 9P
   Versatile EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com