Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3P2183A-08TR Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASM3P2183A-08TR
Description  EMI Reduction IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2183A-08TR Datasheet(HTML) 3 Page - ON Semiconductor

  ASM3P2183A-08TR Datasheet HTML 1Page - ON Semiconductor ASM3P2183A-08TR Datasheet HTML 2Page - ON Semiconductor ASM3P2183A-08TR Datasheet HTML 3Page - ON Semiconductor ASM3P2183A-08TR Datasheet HTML 4Page - ON Semiconductor ASM3P2183A-08TR Datasheet HTML 5Page - ON Semiconductor ASM3P2183A-08TR Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ASM3P2183A
http://onsemi.com
3
Table 4. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
−0.5 to +4.6
V
TSTG
Storage temperature
−65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22− A114−B)
2
KV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 5. RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
TA
Operating Temperature
0
+70
°C
VDD
Core Voltage
+3.0
+3.3
+3.6
V
Table 6. DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS − 0.3
0.8
V
VIH
Input high voltage
2.0
VDD + 0.3
V
IIL
Input low current
−35
mA
IIH
Input high current
35
mA
IXOL
XOUT Output low current
(@ 0.4 V, VDD = 3.3 V)
3
mA
IXOH
XOUT Output high current
(@ 2.5 V, VDD = 3.3 V)
3
mA
VOL
Output low voltage (VDD = 3.3 V, IOL = 20 mA)
0.4
V
VOH
Output high voltage (VDD = 3.3 V, IOH = 20 mA)
2.5
V
ICC
Dynamic supply current
Normal mode (3.3 V, 90 MHz and 10 pF loading)
28
mA
IDD
Static supply current (Note 1)
7.0
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up)
0.18
mS
ZOUT
Clock out impedance
50
W
1. XIN /CLKIN pin is pulled low.
Table 7. AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
6
90
MHz
ModOUT
Output frequency
6
90
MHz
tLH (Note 2)
Output rise time (measured at 0.8 V to 2.0 V)
0.3
0.9
1.1
nS
tHL (Note 2)
Output fall time (measured at 2.0 V to 0.8 V)
0.5
1.0
1.2
nS
tJC
Jitter (cycle to cycle)
200
pS
TD
Output duty cycle
45
50
55
%
2. tLH and tHL are measured with a capacitive load of 15 pF at 27 MHz.


Similar Part No. - ASM3P2183A-08TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2183A-08TR PULSECORE-ASM3P2183A-08TR Datasheet
189Kb / 8P
   EMI Reduction IC
More results

Similar Description - ASM3P2183A-08TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
   EMI Reduction IC
ASM3P2185A ALSC-ASM3P2185A Datasheet
388Kb / 7P
   EMI Reduction IC
ASM3P2185B ALSC-ASM3P2185B Datasheet
174Kb / 7P
   EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2183A PULSECORE-ASM3P2183A Datasheet
189Kb / 8P
   EMI Reduction IC
logo
ON Semiconductor
P2041A ONSEMI-P2041A Datasheet
112Kb / 7P
   Versatile EMI Reduction IC
August, 2011 ??Rev. 2
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
   Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P73Z01AW ONSEMI-PCS3P73Z01AW Datasheet
202Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2041A ALSC-P2041A Datasheet
285Kb / 9P
   Versatile EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com