Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2P2304NZF-08SR Datasheet(PDF) 3 Page - ON Semiconductor

Part # P2P2304NZF-08SR
Description  Four Output PCI-X and General Purpose Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2P2304NZF-08SR Datasheet(HTML) 3 Page - ON Semiconductor

  P2P2304NZF-08SR Datasheet HTML 1Page - ON Semiconductor P2P2304NZF-08SR Datasheet HTML 2Page - ON Semiconductor P2P2304NZF-08SR Datasheet HTML 3Page - ON Semiconductor P2P2304NZF-08SR Datasheet HTML 4Page - ON Semiconductor P2P2304NZF-08SR Datasheet HTML 5Page - ON Semiconductor P2P2304NZF-08SR Datasheet HTML 6Page - ON Semiconductor P2P2304NZF-08SR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ASM2P2304NZ
http://onsemi.com
3
Table 4. OPERATING CONDITIONS
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
−40
85
°C
CL
Load Capacitance
25
pF
CIN
Input Capacitance
7
pF
BUF_IN,
OUTPUT [1:4]
Operating Frequency
DC
140
MHz
tPU
Power−up time for all VDD’s to reach minimum specified Voltage
(Power ramps must be monotonic)
0.05
50
mS
Table 5. ELECTRICAL CHARACTERISTICS
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage (Note 3)
0.8
V
VIH
Input HIGH Voltage (Note 3)
2.0
V
IIL
Input LOW Current
VIN = 0 V
−5
5
mA
IIH
Input HIGH Current
VIN = VDD
−5
12
mA
VOL
Output LOW Voltage (Note 4)
IOL = 24 mA
0.8
V
IOL = 12 mA
0.55
V
VOH
Output HIGH Voltage (Note 4)
IOH = −24 mA
2.0
V
IOH = −12 mA
2.4
V
IDD
Supply Current
Unloaded outputs at 66.66 MHz
25
mA
Table 6. SWITCHING CHARACTERISTICS (for Commercial and Industrial Temperature Devices) (Note 5)
Parameter
Name (Note 4)
Description
Min
Typ
Max
Unit
tD
Duty Cycle = t2 ÷ t1
Measured at 1.5 V
40.0
50.0
60.0
%
t3
Rise Time
Measured between 0.8 V and 2.0 V
1.50
nS
t4
Fall Time
Measured between 2.0 V and 0.8 V
1.50
nS
t5
Output to Output Skew
All outputs
equally loaded
For Commercial parts
100
pS
For Industrial parts
150
t6
Propagation Delay,
BUF_IN Rising Edge to
OUTPUT Rising Edge
Measured at VDD/2
2.5
3.5
5
nS
3. BUF_IN input has a threshold voltage of VDD/2.
4. Parameter is guaranteed by design and characterization. It is not 100% tested in production.
5. All parameters specified with loaded outputs.


Similar Part No. - P2P2304NZF-08SR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P2PAK STMICROELECTRONICS-P2PAK Datasheet
525Kb / 26P
   3 A, very low drop voltage regulators
More results

Similar Description - P2P2304NZF-08SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P2304NZ ALSC-ASM2P2304NZ Datasheet
667Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ Datasheet
71Kb / 5P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_12 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ_13 Datasheet
377Kb / 8P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_05 Datasheet
118Kb / 5P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_11 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
Integrated Circuit Syst...
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
   Four Output Differential Buffer for PCI-Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
   Four Output Differential Buffer for PCI Express
1/27/11
logo
Integrated Device Techn...
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
   Four Output Differential Buffer for PCI Express
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com