Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2846 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # SG2846
Description  CURRENT MODE PWM CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2846 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button SG2846 Datasheet HTML 2Page - Microsemi Corporation SG2846 Datasheet HTML 3Page - Microsemi Corporation SG2846 Datasheet HTML 4Page - Microsemi Corporation SG2846 Datasheet HTML 5Page - Microsemi Corporation SG2846 Datasheet HTML 6Page - Microsemi Corporation SG2846 Datasheet HTML 7Page - Microsemi Corporation SG2846 Datasheet HTML 8Page - Microsemi Corporation SG2846 Datasheet HTML 9Page - Microsemi Corporation SG2846 Datasheet HTML 10Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SG1846
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
9
(714) 898-8121
∞ FAX: (714) 893-2570
APPLICATIONS INFORMATION (continued)
V
REF
R
1
< 0.8mA
If
< 0.8mA the shutdown latch will commutate
when I
SS
< 0.8mA and a restart cycle will be initiated.
V
REF
R
1
If
> 3mA the device will latch off
until power is recycled.
V
REF
R
1
V
REF
R
1
>3mA (LATCHED OFF)
FIGURE 29 - SHUTDOWN WITHOUT AUTO-RESTART (LATCHED)
FIGURE 28 - SHUTDOWN WITH AUTO-RESTART
FIGURE 26 - PULSE BY PULSE CURRENT LIMITING
FIGURE 27 - SOFT START AND SHUTDOWN/RESTART FUNCTIONS


Similar Part No. - SG2846

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2846 MICROSEMI-SG2846 Datasheet
354Kb / 10P
   CURRENT MODE PWM CONTROLLER
SG2846DW MICROSEMI-SG2846DW Datasheet
354Kb / 10P
   CURRENT MODE PWM CONTROLLER
SG2846J MICROSEMI-SG2846J Datasheet
354Kb / 10P
   CURRENT MODE PWM CONTROLLER
SG2846N MICROSEMI-SG2846N Datasheet
354Kb / 10P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - SG2846

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com