Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS41682CANM1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # AMIS41682CANM1G
Description  Fault Tolerant CAN Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS41682CANM1G Datasheet(HTML) 1 Page - ON Semiconductor

  AMIS41682CANM1G Datasheet HTML 1Page - ON Semiconductor AMIS41682CANM1G Datasheet HTML 2Page - ON Semiconductor AMIS41682CANM1G Datasheet HTML 3Page - ON Semiconductor AMIS41682CANM1G Datasheet HTML 4Page - ON Semiconductor AMIS41682CANM1G Datasheet HTML 5Page - ON Semiconductor AMIS41682CANM1G Datasheet HTML 6Page - ON Semiconductor AMIS41682CANM1G Datasheet HTML 7Page - ON Semiconductor AMIS41682CANM1G Datasheet HTML 8Page - ON Semiconductor AMIS41682CANM1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©2008 SCILLC. All rights reserved.
Publication Order Number:
June 2008 – Rev. 4
4168x/D
AMIS-4168x
Fault Tolerant CAN Transceiver
1.0 General Description
The new AMIS-41682 and AMIS-41683 are interfaces between the protocol controller and the physical wires of the bus lines in a
control area network (CAN). AMIS-41683 is identical to the AMIS-41682 but has a true 3.3V digital interface to the CAN controller. The
device provides differential transmit capability but will switch in error conditions to a single-wire transmitter and/or receiver. Initially it will
be used for low speed applications, up to 125kBaud, in passenger cars.
Both AMIS-41682 and AMIS-41683 are implemented in I2T100 technology enabling both high-voltage analog circuitry and digital
functionality to co-exist on the same chip.
These products consolidate the expertise of AMIS for in-car multiplex transceivers and support together with AMIS-30522 (VAN),
AMIS-30660 and AMIS-30663 (CAN high speed) and AMIS-30600 (LIN) another widely used physical layer.
2.0 Key Features
Fully compatible with ISO11898-3 standard
Optimized for in-car low-speed communication
o
Baud rate up to 125kBaud
o
Up to 32 nodes can be connected
o
Due to built-in slope control function and a very good matching of the CANL and CANH bus outputs, this device
realizes a very low electromagnetic emission (EME)
o
Fully integrated receiver filters
o
Permanent dominant monitoring of transmit data input
o
Differential receiver with wide common-mode range for high electromagnetic susceptibility (EMS) in normal- and low-
power modes
o
True 3.3V digital I/O interface to CAN controller for AMIS-41683 only
Management in case of bus failure
o
In the event of bus failures, automatic switching to single-wire mode, even when the CANH bus wire is short circuited
to VCC
o
The device will automatically reset to differential mode if the bus failure is removed
o
During failure modes there is full wake-up capability
o
Un-powered nodes do not disturb bus lines
o
Bus errors and thermal shutdown activation is flagged on ERRB pin
Protection issues
o
Short circuit proof to battery and ground
o
Thermal protection
o
The bus lines are protected against transients in an automotive environment
o
An un-powered node does not disturb the bus lines
Support for low power modes
o
Low current sleep and standby mode with wake-up via the bus lines
o
Power-on flag on the output
o
Two-edge sensitive wake-up input signal via pin WAKEB
I/Os
The un-powered chip cannot be parasitically supplied either from digital inputs or from digital outputs


Similar Part No. - AMIS41682CANM1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS41682CANM1G ONSEMI-AMIS41682CANM1G Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
AMIS41682CANM1G ONSEMI-AMIS41682CANM1G Datasheet
259Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
AMIS41682CANM1G ONSEMI-AMIS41682CANM1G Datasheet
219Kb / 16P
   Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
AMIS41682CANM1G ONSEMI-AMIS41682CANM1G Datasheet
219Kb / 16P
   Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
More results

Similar Description - AMIS41682CANM1G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
logo
STMicroelectronics
L9669 STMICROELECTRONICS-L9669 Datasheet
205Kb / 13P
   FAULT TOLERANT CAN TRANSCEIVER
logo
NXP Semiconductors
TJA1054_1008 NXP-TJA1054_1008 Datasheet
811Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 4-3 August 2010
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
logo
ON Semiconductor
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
   Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682_15 Datasheet
219Kb / 16P
   Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com