Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3540M Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG3540M
Description  OFF-LINE START-UP CONTROLLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3540M Datasheet(HTML) 3 Page - Microsemi Corporation

  SG3540M Datasheet HTML 1Page - Microsemi Corporation SG3540M Datasheet HTML 2Page - Microsemi Corporation SG3540M Datasheet HTML 3Page - Microsemi Corporation SG3540M Datasheet HTML 4Page - Microsemi Corporation SG3540M Datasheet HTML 5Page - Microsemi Corporation SG3540M Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
SG1540/SG2540/SG3540
ELECTRICAL CHARACTERISTICS (continued)
Note 3. F
OSC
= 50KHz, R
T
= 3.48K C
T
= 4.7nF unless otherwise specified.
Note 4. These parameters, although guaranteed, are not tested in production.
SG1540/2540/3540
Parameter
Units
Min.
Typ. Max.
Test Conditions
T
J = 25°C
+V
IN = 12 to 18V
R
T = 17.8K, CT = .068µF
R
T = 1.5K, CT = 470pF
46
400
50
5
2
54
12
5
1
KHz
%
%
KHz
KHz
Initial Accuracy
Voltage Stability
Temperature Stability (Note 4)
Oscillator Minimum Frequency
Oscillator Maximum Frequency
AC Output Section
I
SOURCE = 20mA
I
SOURCE = 100mA
I
SINK = 20mA
I
SINK = 100mA
C
L = 1000pF
C
L = 1000pF
0.3
2.0
55
0.6
0.2
Overvoltage Threshold
Overvoltage Bias Current
Overvoltage Clamp Voltage
+V
IN Overvoltage Threshold
SCR ON Voltage
SCR Holding Current
2.50
0.1
7
42
9
0.35
2.63
1
8
44
12
0.55
V
µA
V
V
V
mA
CHARACTERISTIC CURVES
Overvoltage Crowbar Section
FIGURE 2 - OSCILLATOR FREQUENCY VS. R
T AND CT
FIGURE 1 - SATURATION VOLTAGE (DC OUT PIN) VS. OUTPUT CURRENT
Oscillator Section (Note 3)
V
V
V
V
%
µS
µS
13.5
13.0
0.2
1.2
50
0.3
0.1
12.5
12.0
45
HIGH Output Voltage
LOW Output Voltage
Squarewave Duty Cycle
AC Output Risetime
AC Output Falltime
2.37
6
37
0.15
V
O.V. = 0 to 2.37V
I
O.V. = 1mA
I
VIN = 35mA
V
O.V. = 0


Similar Part No. - SG3540M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3543 MICROSEMI-SG3543 Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG3543 MICROSEMI-SG3543 Datasheet
244Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG3543DW MICROSEMI-SG3543DW Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG3543DW MICROSEMI-SG3543DW Datasheet
244Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG3543J MICROSEMI-SG3543J Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
More results

Similar Description - SG3540M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
logo
Supertex, Inc
HV9906DB2 SUTEX-HV9906DB2 Datasheet
287Kb / 4P
   Off-Line Current Source Controller
logo
Texas Instruments
UC1851 TI-UC1851 Datasheet
576Kb / 7P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
[Old version datasheet]   OFF-LINE POWER SUPPLY CONTROLLER
UC1841 TI-UC1841 Datasheet
923Kb / 9P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UCC1888 TI-UCC1888 Datasheet
299Kb / 6P
[Old version datasheet]   Off-line Power Supply Controller
SLUS226 TI1-SLUS226 Datasheet
772Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UCC1889 TI1-UCC1889_13 Datasheet
1Mb / 14P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
[Old version datasheet]   Off-line Power Supply Controller
logo
Supertex, Inc
HV9906DB4 SUTEX-HV9906DB4 Datasheet
218Kb / 3P
   Off-Line Current Source Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com