Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2524J Datasheet(PDF) 6 Page - Microsemi Corporation

Part # SG2524J
Description  REGULATING PULSE WIDTH MODULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2524J Datasheet(HTML) 6 Page - Microsemi Corporation

  SG2524J Datasheet HTML 1Page - Microsemi Corporation SG2524J Datasheet HTML 2Page - Microsemi Corporation SG2524J Datasheet HTML 3Page - Microsemi Corporation SG2524J Datasheet HTML 4Page - Microsemi Corporation SG2524J Datasheet HTML 5Page - Microsemi Corporation SG2524J Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SG1524/SG2524/SG3524
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
6
(714) 898-8121
∞ FAX: (714) 893-2570
Note 1. Contact factory for JAN and DESC product availablity.
2. All packages are viewed from the top.
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
16-PIN CERAMIC DIP
J - PACKAGE
V
REF
+V
IN
E
B
C
B
C
A
E
A
SHUTDOWN
COMPENSATION
GROUND
OSC. OUTPUT
N.I. INPUT
Ambient
Temperature Range
SG1524J/883B
-55
°C to 125°C
JAN1524J
-55
°C to 125°C
SG1524J/DESC
-55
°C to 125°C
SG1524J
-55
°C to 125°C
SG2524J
-25
°C to 85°C
SG3524J
0
°C to 70°C
Part No.
Package
Connection Diagram
INV. INPUT
C
T
R
T
+C.L. SENSE
-C.L. SENSE
2
3
4
5
6
7
8
1
15
16
14
13
10
9
12
11
2
3
4
5
6
7
8
GROUND
OSC. OUTPUT
N.I. INPUT
INV. INPUT
C
T
R
T
+C.L. SENSE
-C.L. SENSE
1
15
16
14
13
10
12
11
9
V
REF
+V
IN
E
B
C
B
C
A
E
A
SHUTDOWN
COMPENSATION
SG2524N
-25
°C to 85°C
SG3524N
0
°C to 70°C
16-PIN PLASTIC DIP
N - PACKAGE
16-PIN NARROW BODY
PLASTIC S.O.I.C.
D - PACKAGE
SG2524D
-25
°C to 85°C
SG3524D
0
°C to 70°C
20-PIN CERAMIC
LEADLESS CHIP CARRIER
L- PACKAGE
4
5
6
7
8
321
9
111213
10
14
15
16
17
18
20 19
SG1524L/883B
-55
°C to 125°C
SG1524L
-55
°C to 125°C
11. COMP
12. SHUTDOWN
13. N.C.
14. E
A
15. C
A
16. N.C.
17. C
B
18. E
B
19. N.C.
20. +V
IN
1. N.C.
2. V
REF
3. INV. INPUT
4. N.I. INPUT
5. OSC. OUTPUT
6. + C.L. SENSE
7. - C.L. SENSE
8. R
T
9. C
T
10. GROUND


Similar Part No. - SG2524J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SG2524J TI-SG2524J Datasheet
521Kb / 20P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
logo
Microsemi Corporation
SG2524J MICROSEMI-SG2524J Datasheet
253Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
SG2524J TI-SG2524J Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
More results

Similar Description - SG2524J

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com