Electronic Components Datasheet Search |
|
SS1P3L Datasheet(PDF) 2 Page - Vishay Siliconix |
|
SS1P3L Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 4 page SS1P3L, SS1P4L www.vishay.com Vishay General Semiconductor Revision: 13-Apr-15 2 Document Number: 88915 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) Pulse test: 300 μs pulse width, 1 % duty cycle (2) Pulse test: Pulse width 40 ms Note (1) Thermal resistance from junction to ambient and junction to lead mounted on PCB with 5.0 mm x 5.0 mm copper pad areas. RJL is measured at the terminal of cathode band. RJC is measured at the top center of the body Note (1) Automotive grade RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted) Fig. 1 - Maximum Forward Current Derating Curve Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER TEST CONDITIONS SYMBOL SS1P3L SS1P4L UNIT Maximum instantaneous forward voltage IF = 1.0 A TJ = 25 °C VF (1) 0.45 0.48 V IF = 1.0 A TJ = 125 °C 0.35 0.38 Maximum reverse current at rated VR TJ = 25 °C IR (2) 200 150 μA TJ = 125 °C 20 15 mA Typical junction capacitance 4.0 V, 1 MHz CJ 110 130 pF THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL SS1P3L SS1P4L UNIT Typical thermal resistance RJA (1) 105 °C/W RJL (1) 15 RJC (1) 20 ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE SS1P3L-M3/84A 0.024 84A 3000 7" diameter plastic tape and reel SS1P3L-M3/85A 0.024 85A 10 000 13" diameter plastic tape and reel SS1P3LHM3/84A (1) 0.024 84A 3000 7" diameter plastic tape and reel SS1P3LHM3/85A (1) 0.024 85A 10 000 13" diameter plastic tape and reel 0 Lead Temperature (°C) 1.5 2.0 0.5 1.0 0 25 50 75 100 125 150 175 T L Measured at the Cathode Band Terminal Number of Cycles at 50 Hz 1 10 100 10 20 30 0 40 50 |
Similar Part No. - SS1P3L_15 |
|
Similar Description - SS1P3L_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |