Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG317 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # SG317
Description  1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG317 Datasheet(HTML) 8 Page - Microsemi Corporation

  SG317 Datasheet HTML 1Page - Microsemi Corporation SG317 Datasheet HTML 2Page - Microsemi Corporation SG317 Datasheet HTML 3Page - Microsemi Corporation SG317 Datasheet HTML 4Page - Microsemi Corporation SG317 Datasheet HTML 5Page - Microsemi Corporation SG317 Datasheet HTML 6Page - Microsemi Corporation SG317 Datasheet HTML 7Page - Microsemi Corporation SG317 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SG117A/SG117 SERIES
2/93 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
8
(714) 898-8121
∞ FAX: (714) 893-2570
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Package
Connection Diagram
3-TERMINAL TO-3
METAL CAN
K-PACKAGE
SG117AK/883B
-55°C to 125°C
SG117AK/DESC
-55°C to 125°C
SG117AK
-55°C to 125°C
SG217AK
-25°C to 85°C
SG317AK
0°C to 70°C
SG117K/883B
-55°C to 125°C
JAN117K
-55°C to 125°C
SG117K/DESC
-55°C to 125°C
SG117K
-55°C to 125°C
SG217K
-25°C to 85°C
SG317K
0°C to 70°C
2
1
ADJUSTMENT
CASE IS V
OUT
V
IN
3-TERMINAL TO-66
METAL CAN
R-PACKAGE
SG117AR/883B
-55°C to 125°C
SG117AR/DESC
-55°C to 125°C
SG117AR
-55°C to 125°C
SG217AR
-25°C to 85°C
SG317AR
0°C to 70°C
SG117R/883B
-55°C to 125°C
SG117AR/DESC
-55°C to 125°C
SG117R
-55°C to 125°C
SG217R
-25°C to 85°C
SG317R
0°C to 70°C
1
2
ADJUSTMENT
CASE IS V
OUT
V
IN
3-PIN TO-39 METAL CAN
T-PACKAGE
SG117AT/883B
-55°C to 125°C
SG117AT/DESC
-55°C to 125°C
SG117AT
-55°C to 125°C
SG217AT
-25°C to 85°C
SG317AT
0°C to 70°C
SG117T/883B
-55°C to 125°C
JAN117T
-55°C to 125°C
SG117T/DESC
-55°C to 125°C
SG117T
-55°C to 125°C
SG217T
-25°C to 85°C
SG317T
0°C to 70°C
V
OUT
ADJUST
3
2
1
V
IN
CASE IS V
OUT
3-PIN HERMETIC TO-257
IG-PACKAGE (Isolated)
SG117AIG/883B
-55°C to 125°C
SG117AIG/DESC
-55°C to 125°C
SG117AIG
-55°C to 125°C
SG117IG/883B
-55°C to 125°C
SG117IG/DESC
-55°C to 125°C
SG117IG
-55°C to 125°C
V
IN
V
OUT
ADJUST
(TAB IS V
OUT)
FOR G-PACKAGE ONLY
SG117AL/883B
-55
°C to 125°C
SG117AL/DESC
-55°C to 125°C
SG117AL
-55
°C to 125°C
SG117L/883B
-55
°C to 125°C
SG117L/DESC
-55°C to 125°C
SG117L
-55
°C to 125°C
20-PIN CERAMIC (LCC)
LEADLESS CHIP CARRIER
L- PACKAGE
4
5
6
7
8
18
17
16
15
14
9
10 111213
32
120 19
11. N.C.
12. N.C.
13. N.C.
14. N.C.
15. N.C.
16. N.C.
17. N.C.
18. N.C.
19. N.C.
20. V
OUT
(Note 4)
1. V
OUT SENSE
2. N.C.
3. N.C.
4. N.C.
5. V
IN
6. N.C.
7. N.C.
8. N.C.
9. N.C.
10. ADJUST
Note 1. Contact factory for JAN and DESC product availability.
2. All parts are viewed from the top.
3. Both inputs and outputs must be externally connected together at the device
terminals.
4. For normal operation the SENSE pin must be externally connected to the load.


Similar Part No. - SG317

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SG317 MICRO-ELECTRONICS-SG317 Datasheet
263Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG317 MICROSEMI-SG317 Datasheet
359Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
SG317 MICROSEMI-SG317 Datasheet
365Kb / 9P
   TM 1.5A Three Terminal Adj. Voltage Regulator
logo
AMETHERM Circuit Protec...
SG317 AMETHERM-SG317 Datasheet
362Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
logo
Micro Electronics
SG317A MICRO-ELECTRONICS-SG317A Datasheet
263Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - SG317

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SG117A MICRO-ELECTRONICS-SG117A Datasheet
263Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SGR117A MICROSEMI-SGR117A Datasheet
48Kb / 3P
   RAD HARD 1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
OM7603ST ETC2-OM7603ST Datasheet
38Kb / 4P
   Three Terminal, Adjustable Voltage, 1.5 Amp Precision Negative Regulator In Hermetic JEDEC TO-257AA Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com