Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA54A Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SA54A
Description  5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SA54A Datasheet(HTML) 4 Page - Microsemi Corporation

  SA54A Datasheet HTML 1Page - Microsemi Corporation SA54A Datasheet HTML 2Page - Microsemi Corporation SA54A Datasheet HTML 3Page - Microsemi Corporation SA54A Datasheet HTML 4Page - Microsemi Corporation SA54A Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSC1400.PDF 03-20-00
SA5.0
thru
SA170A
ELECTRICAL CHARACTERISTICS AT 25
°C
PART
NUMBER
BREAKDOWN
VOLTAGE V(BR)
MIN.
MAX
TEST
CURRENT
IT
RATED
STAND
OFF
VOLTAGE
VWM
MAX. REVERSE
STANDBY
CURRENT
ID @
VWM
MAX.
PEAK
REVERSE
VOLTAGE
VC MAX.
@ IPP
MAX. PEAK
PULSE
CURRENT
IPP
(Figure 2)
MAX.
TEMP.
COEFFICIENT
OF V(BR)
-55
°°°°C TO
175
°°°°C
α
αα
α
V(BR)
VOLTS
VOLTS
mA
VOLTS
µµµµ ADC
VOLTS
AMP
% /
°°°°C
SA78
86.7
106.0
1
78
1
139.0
3.6
.106
SA78A
86.7
95.8
1
78
1
126.0
4.0
.106
SA85
94.4
115.0
1
85
1
151.0
3.3
.106
SA85A
94.4
104.0
1
85
1
137.0
3.6
.106
SA90
100.0
122.0
1
90
1
160.0
3.1
.107
SA90A
100.0
111.0
1
90
1
146.0
3.4
.107
SA100
111.0
136.0
1
100
1
179.0
2.8
.107
SA100A
111.0
123.0
1
100
1
162.0
3.1
.107
SA110
122.0
149.0
1
110
1
196.0
2.6
.107
SA110A
122.0
135.0
1
110
1
177.0
2.8
.107
SA120
133.0
163.0
1
120
1
214.0
2.3
.107
SA120A
133.0
147.0
1
120
1
193.0
2.0
.107
SA130
144.0
176.0
1
130
1
231.0
2.2
.108
SA130A
144.0
159.0
1
130
1
209.0
2.4
.108
SA150
167.0
204.0
1
150
1
268.0
1.9
.108
SA150A
167.0
185.0
1
150
1
243.0
2.1
.108
SA160
178.0
218.0
1
160
1
287.0
1.7
.108
SA160A
178.0
197.0
1
160
1
259.0
1.9
.108
SA170
189.0
231.0
1
170
1
304.0
1.6
.108
SA170A
189.0
209.0
1
170
1
275.0
1.8
.108
Note: For Bi-directional construction, indicate a C or CA suffix after the part number, i.e. SA5.0CA


Similar Part No. - SA54A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA54A MOTOROLA-SA54A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA54A TSC-SA54A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA54A WTE-SA54A Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SA54A VISHAY-SA54A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
MDE Semiconductor, Inc.
SA54A MDE-SA54A Datasheet
63Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA54A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
P5KE5.0 NJSEMI-P5KE5.0 Datasheet
201Kb / 4P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Microsemi Corporation
P5KE50 MICROSEMI-P5KE50 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Micro Commercial Compon...
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
logo
Central Semiconductor C...
CMF50A CENTRAL-CMF50A Datasheet
86Kb / 2P
   UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
Microsemi Corporation
SMCGJ6036 MICROSEMI-SMCGJ6036 Datasheet
257Kb / 4P
   5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com