Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG309K Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG309K
Description  5 -VOLT FIXED VOLTAGE REGULATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG309K Datasheet(HTML) 1 Page - Microsemi Corporation

  SG309K Datasheet HTML 1Page - Microsemi Corporation SG309K Datasheet HTML 2Page - Microsemi Corporation SG309K Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SG109/SG309
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞ FAX: (714) 893-2570
FEATURES
••••• Fully compatible with TTL and DTL
••••• Output current in excess of 1A
••••• Internal thermal overload protection
••••• No additional external components
••••• Bandgap reference voltage
••••• Foldback current limiting
HIGH RELIABILITY FEATURES-SG109
♦ Available to MIL-STD-883
♦ MIL - M38510 / 10701BXA - JAN109T
♦ Radiation data available
♦ LMI level "S" processing available
5 -VOLT FIXED VOLTAGE REGULATORS
DESCRIPTION
The SG109/SG309 is a completely self-contained 5V regulator.
Designed to provide local regualtion at currents up to 1A for digital
logic cards, this device is available in the hermetic TO-3, TO-66, TO-
39 and hermetic and plastic TO-220.
A major feature of the SG109's design is its built-in protective
features which make it essentially blowout proof. These consist of
both current limiting to control the peak currents and thermal
shutdown to protect against excessive power dissipation. With the
only added component being a possible need for an input bypass
capacitor, this regulator becomes extremely easy to apply. Utilizing
an improved Bandgap reference design, problems have been
eliminated that are normally associated with the zener diode
references, such as drift in output voltage and large changes in the
line and load regulation.
SCHEMATIC


Similar Part No. - SG309K

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG309K MICROSEMI-SG309K Datasheet
261Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
More results

Similar Description - SG309K

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR Datasheet
193Kb / 10P
   FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Fairchild Semiconductor
UA78H05A FAIRCHILD-UA78H05A Datasheet
295Kb / 4P
   5-Volt 5-Amp Voltage Regulators
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
   5 Volt Positive Fixed Voltage Regulator
logo
Seme LAB
IP1R19A SEME-LAB-IP1R19A Datasheet
31Kb / 4P
   5 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
LM323 ONSEMI-LM323 Datasheet
126Kb / 8P
   3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS
1996 Rev 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com