Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1N4728 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # F1N4728
Description  Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

F1N4728 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  F1N4728_15 Datasheet HTML 1Page - GOOD-ARK Electronics F1N4728_15 Datasheet HTML 2Page - GOOD-ARK Electronics F1N4728_15 Datasheet HTML 3Page - GOOD-ARK Electronics F1N4728_15 Datasheet HTML 4Page - GOOD-ARK Electronics F1N4728_15 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
F1N4738 thru FZ1200
Surface Mount Zener Diodes
Vz Range:8.2 to 200V Power Dissipation:1W
www.goodark.com
2/5
2014.12-Rev.B
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Test
current
Dynamic
impedance
Knee
current
Knee
impedance
Reverse
current
Reverse
voltage
Max.DC
current
IZT
ZZT
IZK
ZZK
IR(Max)
VR
IZM
V (MIN)
V (MAX)
A
A
Ad
V
A
Part Number
Zener voltage
VZ /V
Vz(MIN)
Vz(MAX)
m A
m A
µAdc
V
m A
F1N4745
15.2
16.8
15.5
16
0.25
700
5
12.2
57
F1N4746
17.1
18.9
14
20
0.25
750
5
13.7
50
F1N4747
19
21
12.5
22
0.25
750
5
15.2
45
F1N4748
20.9
23.1
11.5
23
0.25
750
5
16.7
41
F1N4749
22.8
25.2
10.5
25
0.25
750
5
18.2
38
F1N4750
25.65
28.35
9.5
35
0.25
750
5
20.6
34
F1N4751
28.5
31.5
8.5
40
0.25
1000
5
22.8
30
F1N4752
31.35
34.65
7.5
45
0.25
1000
5
25.1
27
F1N4753
34.2
37.8
7
50
0.25
1000
5
27.4
25
F1N4754
37.05
40.95
6.5
60
0.25
1000
5
29.7
23
F1N4755
40.85
45.15
6
70
0.25
1500
5
32.7
22
F1N4756
44.65
49.35
5.5
80
0.25
1500
5
35.8
19
F1N4757
48 45
53 55
5
95
025
1500
5
38 8
18
F1N4757
48.45
53.55
5
95
0.25
1500
5
38.8
18
F1N4758
53.2
58.8
4.5
110
0.25
2000
5
42.6
16
F1N4759
58.9
65.1
4
125
0.25
2000
5
47.1
14
F1N4760
64.6
71.4
3.7
150
0.25
2000
5
51.7
13
F1N4761
71.25
78.8
3.3
175
0.25
2000
5
56
12
F1N4762
77.9
86.1
3
200
0.25
3000
5
62.2
11
F1N4763
86.45
95.6
2.8
250
0.25
3000
5
69.2
10
F1N4764
95
105
2.5
350
0.25
3000
5
76
9
FZ1110
104.5
115.5
2.3
450
0.25
4000
5
83.6
8.6
FZ1120
114
126
2
550
0.25
4500
5
91.2
7.8
FZ1130
123.5
136.5
1.9
700
0.25
5000
5
98.8
7
FZ1150
142.5
157.5
1.7
1000
0.25
6000
5
114
6.4
FZ1160
152
168
1.6
1100
0.25
6500
5
121.6
5.8
FZ1180
171
189
1.4
1200
0.25
7000
5
136.8
5.2
FZ1180
171
189
1.4
1200
0.25
7000
5
136.8
5.2
FZ1200
190
210
1.2
1900
0.25
9990
5
152
4.7
www.goodark.com
2/5
2014.12-Rev.B


Similar Part No. - F1N4728_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F1N4738 GOOD-ARK-F1N4738 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes
F1N4739 GOOD-ARK-F1N4739 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes
F1N4740 GOOD-ARK-F1N4740 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes
F1N4741 GOOD-ARK-F1N4741 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes
F1N4742 GOOD-ARK-F1N4742 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - F1N4728_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L1N4738 GOOD-ARK-L1N4738_15 Datasheet
193Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
FP5ZC2V2 GOOD-ARK-FP5ZC2V2_15 Datasheet
216Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:0.5W
F1N5913 GOOD-ARK-F1N5913_15 Datasheet
212Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
L2N5923B GOOD-ARK-L2N5923B_15 Datasheet
217Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:2W
L1N5923 GOOD-ARK-L1N5923_15 Datasheet
202Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
L3N5923B GOOD-ARK-L3N5923B_15 Datasheet
218Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:3W
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
   Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
   Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
   1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com