Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F8A Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # F8A
Description  Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 1200~2000V Forward Current 1A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

F8A Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  F8A_15 Datasheet HTML 1Page - GOOD-ARK Electronics F8A_15 Datasheet HTML 2Page - GOOD-ARK Electronics F8A_15 Datasheet HTML 3Page - GOOD-ARK Electronics F8A_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
F8A thru F10A
Surface Mount Glass Passivated Standard Rectifier
Reverse Voltage 1200~2000V Forward Current 1A
www.goodark.com
2/4
2015.07-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non‐Repetitive Peak 
Forward Surge Current
g
Figure 3. Typical Instantaneous Forward Characteristics 
Figure 4. Typical Reverse Characteristics 
www.goodark.com
2/4
2015.07-Rev.A


Similar Part No. - F8A_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F8A GOOD-ARK-F8A Datasheet
203Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
More results

Similar Description - F8A_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GN1P20 GOOD-ARK-GN1P20_15 Datasheet
159Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 2000V Forward Current 1A
SGA1J GOOD-ARK-SGA1J_15 Datasheet
236Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 600V Forward Current 1A
F1A GOOD-ARK-F1A_15 Datasheet
226Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
A1 GOOD-ARK-A1_15 Datasheet
210Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
F1DS GOOD-ARK-F1DS_15 Datasheet
211Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
SGP1A GOOD-ARK-SGP1A Datasheet
221Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
SGP1A GOOD-ARK-SGP1A_15 Datasheet
221Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
V1 GOOD-ARK-V1 Datasheet
156Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
M1 GOOD-ARK-M1 Datasheet
156Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
GRZ520 GOOD-ARK-GRZ520_15 Datasheet
153Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 2000V Forward Current 0.5A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com