Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSL26 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # FSL26
Description  Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FSL26 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  FSL26_15 Datasheet HTML 1Page - GOOD-ARK Electronics FSL26_15 Datasheet HTML 2Page - GOOD-ARK Electronics FSL26_15 Datasheet HTML 3Page - GOOD-ARK Electronics FSL26_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FSL26
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 2A
www.goodark.com
1/4
2014.06-Rev.A
Features
• Super Low VF Schottky barrier diodes
• Very low profile - typical height of 1.0 mm
• Low forward voltage drop
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• AEC-Q101 qualified
• High temperature soldering guaranteed: 260℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition
eSGA
(SOD‐123FL)
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device,
power supplies and other consumer applications.
Maximum Ratings (TA 25 °C l
th
i
t d)
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Maximum RMS voltage
42
Maximum DC blocking voltage
60
Maximum average forward rectified current
2.0
Maximum repetitive peak reverse voltage
60
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
FSL26
Unit
IFSM
A
TJ
°C
TSTG
°C
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
50
Operating junction temperature range
- 55 to + 125
Storage temperature range
- 55 to + 150
IF=1A,TA=25℃
IF=2A,TA=25℃
TA=25℃
uA
TA=125℃
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
125
Maximum DC reverse current
at rated DC blocking voltage
IR
1000
100
Parameter
Test Conditions
Symbol
FSL26
Unit
Maximum instantaneous
forward voltage
VF
0.45
Volts
0.50
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance1)
juntion to ambient
RθJA
juntion to mount
RθJM
Note:1),The thermal resistance from junction to ambient,case or mount,mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
125
85
℃/W
30
www.goodark.com
1/4
2014.06-Rev.A


Similar Part No. - FSL26_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FSL26 GOOD-ARK-FSL26 Datasheet
359Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - FSL26_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGP0260SD GOOD-ARK-SGP0260SD_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
LS26 GOOD-ARK-LS26_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
FS2BH GOOD-ARK-FS2BH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS2B GOOD-ARK-LS2B_15 Datasheet
188Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
FS2B GOOD-ARK-FS2B_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS24A GOOD-ARK-LS24A_15 Datasheet
264Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FS24A GOOD-ARK-FS24A_15 Datasheet
200Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FSL24 GOOD-ARK-FSL24_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FSL23S GOOD-ARK-FSL23S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 30V Forward Current 2A
SGC1560S GOOD-ARK-SGC1560S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 15A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com