Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W62S001-6 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-W62S001-6
Description  WR-62 Commercial Grade Straight Waveguide Section 6 Inch Length with UG-419 - U Flange Operating from 12.4 GHz to 18 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W62S001-6 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W62S001-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W62S001-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Power Data
Outline Drawing
WR-62 Commercial Grade Straight Waveguide Section 6 Inch Length with UG-419/U Flange Operating from 12.4 GHz to
18 GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-62 Commercial Grade Straight Waveguide Section 6 Inch Length with UG-419/U Flange
Operating from 12.4 GHz to 18 GHz PE-W62S001-6
URL:
http://www.pasternack.com/wr-62-straight-waveguide-section-ug419u-flange-12.4-18-ghz-pe-w62s001-6-p.aspx
PE-W62S001-6 REV 1.0
PE-W62S001-6
WR-62 Commercial Grade Straight Waveguide Section 6 Inch
Length with UG-419/U Flange Operating from 12.4 GHz to 18 GHz


Similar Part No. - PE-W62S001-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W62S001-12 PASTERNACK-PE-W62S001-12 Datasheet
309Kb / 2P
   WR-62 Commercial Grade Straight Waveguide Section 12 Inch Length with UG-419 - U Flange Operating from 12.4 GHz to 18 GHz
PE-W62S001-3 PASTERNACK-PE-W62S001-3 Datasheet
309Kb / 2P
   WR-62 Commercial Grade Straight Waveguide Section 3 Inch Length with UG-419/U Flange Operating from 12.4 GHz to 18 GHz
PE-W62S001-9 PASTERNACK-PE-W62S001-9 Datasheet
309Kb / 2P
   WR-62 Commercial Grade Straight Waveguide Section 9 Inch Length with UG-419 - U Flange Operating from 12.4 GHz to 18 GHz
More results

Similar Description - PE-W62S001-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W62S001-3 PASTERNACK-PE-W62S001-3 Datasheet
309Kb / 2P
   WR-62 Commercial Grade Straight Waveguide Section 3 Inch Length with UG-419/U Flange Operating from 12.4 GHz to 18 GHz
PE-W62S001-9 PASTERNACK-PE-W62S001-9 Datasheet
309Kb / 2P
   WR-62 Commercial Grade Straight Waveguide Section 9 Inch Length with UG-419 - U Flange Operating from 12.4 GHz to 18 GHz
PE-W62S001-12 PASTERNACK-PE-W62S001-12 Datasheet
309Kb / 2P
   WR-62 Commercial Grade Straight Waveguide Section 12 Inch Length with UG-419 - U Flange Operating from 12.4 GHz to 18 GHz
PE-W62S002-6 PASTERNACK-PE-W62S002-6 Datasheet
414Kb / 4P
   WR-62 Instrumentation Grade Straight Waveguide Section 6 Inch Length with UG-419 - U Flange Operating from 12.4 GHz to 18 GHz
PE-W62S002-9 PASTERNACK-PE-W62S002-9 Datasheet
415Kb / 4P
   WR-62 Instrumentation Grade Straight Waveguide Section 9 Inch Length with UG-419 - U Flange Operating from 12.4 GHz to 18 GHz
PE-W62S002-3 PASTERNACK-PE-W62S002-3 Datasheet
415Kb / 4P
   WR-62 Instrumentation Grade Straight Waveguide Section 3 Inch Length with UG-419 - U Flange Operating from 12.4 GHz to 18 GHz
PE-W62S002-12 PASTERNACK-PE-W62S002-12 Datasheet
413Kb / 4P
   WR-62 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG-419 - U Flange Operating from 12.4 GHz to 18 GHz
PE-W62B001 PASTERNACK-PE-W62B001 Datasheet
314Kb / 2P
   WR-62 Waveguide E-Bend with UG-419-U Flange Operating from 12.4 GHz to 18 GHz
PE-W62B003 PASTERNACK-PE-W62B003 Datasheet
407Kb / 4P
   WR-62 Instrumentation Grade Waveguide E-Bend with UG-419-U Flange Operating from 12.4 GHz to 18 GHz
PEWSP1005 PASTERNACK-PEWSP1005 Datasheet
490Kb / 4P
   WR-62 Waveguide Pressurizing Section 4.25 Inch Length, UG-419/U Square Cover Flange from 12.4 GHz to 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com