Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37274MA Datasheet(PDF) 88 Page - Mitsubishi Electric Semiconductor

Part # M37274MA
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37274MA Datasheet(HTML) 88 Page - Mitsubishi Electric Semiconductor

Back Button M37274MA Datasheet HTML 84Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 87Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 88Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 92Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 131 page
background image
88
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274MA-XXXSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
IOL2
IOL3
IOL4
f(XIN)
f(XCIN)
7.9
29
11.0
26.5
15.262
1.5
Input frequency
TIM2, TIM3, INT1, INT2, INT3
Input frequency
SCLK
Input frequency
SCL1, SCL2
Input frequency
Horizontal sync. signal of video signal
Input amplitude video signal
CVIN
Oscillation frequency (for OSD)
OSC1
Power source voltageVCC, AVCC
Input voltage
CNVSS
Input voltage
P00–P07, P10–P17, P20–P27,
P30, P31, P40–P46, P64, P63,
P70–P72, XIN, HSYNC, VSYNC,
______
RESET
Output voltage
P03, P10–P17, P20–P27, P30,
P31, P52–P55, SOUT, SCLK, XOUT,
OSC2
Output voltage
P00–P02, P04–P07
Circuit current
P52–P55, P10, P03, P15–P17,
P20–P27, P30, P31
Circuit current
P52–P55, P10, , P03, P15–P17,
P20–P27, SOUT, SCLK
Circuit current
P11–P14
Circuit current
P00–P02, P04–P07
Circuit current
P30, P31
Power dissipation
Operating temperature
Storage temperature
VO
IOH
IOL1
IOL2
IOL3
Limits
Symbol
VCC, AVCC
VI
VI
VO
ABSOLUTE MAXIMUM RATINGS
Conditions
All voltages are based
on VSS.
Output transistors are
cut off.
Parameter
–0.3 to 13
0 to 1 (Note 1)
0 to 2 (Note 2)
0 to 6 (Note 2)
0 to 1 (Note 2)
0 to 10 (Note 3)
550
–10 to 70
–40 to 125
V
mA
mA
mA
mA
mA
mW
°C
°C
Min.
4.5
2.0
0
0.8VCC
0.7VCC
0
0
0
Typ.
5.0
0
Max.
5.5
5.5
0
VCC
VCC
0.4 VCC
0.3 VCC
0.2 VCC
1
2
V
V
V
V
V
V
V
V
mA
mA
RECOMMENDED OPERATING CONDITIONS (Ta = –10
°C to 70 °C, VCC = 5 V ± 10 %, unless otherwise noted)
Power source voltage (Note 4), During CPU, OSD, data slicer operation
RAM hold voltage (when clock is stopped)
Power source voltage
HIGH input voltage
P00–P07, P10–P17, P20–P27, P30, P31,
P40–P46, P64, P70–P72, HSYNC, VSYNC,
______
RESET, XIN, P63
HIGH input voltage
SCL1, SCL2, SDA1, SDA2
LOW input voltage
P00–P07, P10–P17, P20–P27, P30, P31,
P40–P46, P63, P64, P70–P72
LOW input voltage
SCL1, SCL2, SDA1, SDA2
LOW input voltage (Note 6)
______
RESET, XIN, OSC1, HSYNC, VSYNC,
INT1, INT2, INT3, TIM2, TIM3, SCLK, SIN
HIGH average output current (Note 1) P52–P55, P10, P03, P15–P17, P20–P27,
P30, P31
LOW average output current (Note 2) P52–P55, P10, P03, P15–P17, P20–P27,
SOUT, SCLK
LOW average output current (Note 2) P11–P14
LOW average output current (Note 2) P00–P02, P04–P07
LOW average output current (Note 3) P30, P31
Oscillation frequency (for CPU operation) (Note 5)
XIN
Oscillation frequency (for sub-clock operation)
XCIN
VCC, AVCC
VCC, AVCC
VSS
VIH1
VIH2
VIL1
VIL2
VIL3
IOH
IOL1
Symbol
Parameter
Unit
fhs1
fhs2
fhs3
fhs4
VI
kHz
MHz
kHz
kHz
V
MHz
mA
mA
mA
MHz
kHz
6
1
10
8.1
35
27.0
27.5
100
1
400
16.206
2.5
8.0
32
27.0
15.734
2.0
IOL4
Pd
Topr
Tstg
fOSC
LC oscillating mode
Ceramic oscillating mode
Ta = 25
°C
Unit
V
V
V
V
Ratings
–0.3 to 6
–0.3 to 6
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3


Similar Part No. - M37274MA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37274MA RENESAS-M37274MA Datasheet
1Mb / 132P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37274MA-XXXSP RENESAS-M37274MA-XXXSP Datasheet
1Mb / 132P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37274MA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com