Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PE-W51SF005-12 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part No. PE-W51SF005-12
Description  WR-51 Flexible Straight Waveguide Section 12 Inch Length with Square Cover Flange Operating from 15 GHz to 22 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE-W51SF005-12 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
WR-51 Flexible Straight Waveguide Section 12 Inch Length with
Square Cover Flange Operating from 15 GHz to 22 GHz
PE-W51SF005-12 CAD Drawing
PE-W51SF005-12 REV 1.0


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn