Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE80T3000 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE80T3000
Description  Zero Biased W Band Waveguide Detector, WR-10, Negative Video Out, 75 GHz to 100 GHz, UG-387-U
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80T3000 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE80T3000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80T3000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80T3000 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PE80T3000 REV 1.0
Zero Biased W Band Waveguide Detector, WR-10, Negative
Video Out, 75 GHz to 100 GHz, UG-387/U
PE80T3000 CAD Drawing


Similar Part No. - PE80T3000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T3001 PASTERNACK-PE80T3001 Datasheet
391Kb / 3P
   Maximum Power Input 20 dBm
PE80T3002 PASTERNACK-PE80T3002 Datasheet
404Kb / 3P
   Maximum Power Input 20 dBm
PE80T3003 PASTERNACK-PE80T3003 Datasheet
390Kb / 3P
   Maximum Power Input 20 dBm
PE80T3004 PASTERNACK-PE80T3004 Datasheet
391Kb / 3P
   DC Output: SMA Female Connector
PE80T3005 PASTERNACK-PE80T3005 Datasheet
389Kb / 3P
   Maximum Power Input 20 dBm
More results

Similar Description - PE80T3000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWAD5000 PASTERNACK-PEWAD5000 Datasheet
367Kb / 3P
   WR-10 Waveguide Bulkhead Adapter UG-387/U-Mod Round Cover Flange, 75 GHz to 110 GHz
PE-W10CA001 PASTERNACK-PE-W10CA001 Datasheet
403Kb / 4P
   WR-10 UG-387/U-Mod Round Cover Flange to 1.0mm Female Waveguide to Coax Adapter Operating From 75 GHz to 110 GHz, W Band
PE-W10CA002 PASTERNACK-PE-W10CA002 Datasheet
406Kb / 4P
   WR-10 UG-387/U-Mod Round Cover Flange to 1.0mm Male Waveguide to Coax Adapter Operating From 75 GHz to 110 GHz, W Band
PEWMT1000 PASTERNACK-PEWMT1000 Datasheet
513Kb / 3P
   WR-10 Waveguide Magic Tee, UG-387/U-Mod Round Cover Flange Operating from 75 GHz to 110 GHz
PE-W75B001 PASTERNACK-PE-W75B001 Datasheet
318Kb / 2P
   WR-75 Waveguide E-Bend with UG-584-U Flange Operating from 10 GHz to 15 GHz
PE-W10TW1001 PASTERNACK-PE-W10TW1001 Datasheet
404Kb / 3P
   WR-10 90 Degree Waveguide Twist With a UG-387/U Mod Flange Operating From 75 GHz to 110 GHz
PE-W10B001 PASTERNACK-PE-W10B001 Datasheet
341Kb / 3P
   WR-10 Instrumentation Grade Waveguide E-Bend with UG-387/U-Mod Flange Operating from 75 GHz to 110 GHz
PE-W10B002 PASTERNACK-PE-W10B002 Datasheet
341Kb / 3P
   WR-10 Instrumentation Grade Waveguide H-Bend with UG-387/U-Mod Flange Operating from 75 GHz to 110 GHz
PEWAD5002 PASTERNACK-PEWAD5002 Datasheet
366Kb / 3P
   WR-15 Waveguide Bulkhead Adapter UG-385/U Round Cover Flange, 50 GHz to 75 GHz
PE8011 PASTERNACK-PE8011 Datasheet
360Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Negative Video Out Operating From 10 MHz to 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com