Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7708FDQR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV7708FDQR2G
Description  Double Hex Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7708FDQR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV7708FDQR2G Datasheet HTML 5Page - ON Semiconductor NCV7708FDQR2G Datasheet HTML 6Page - ON Semiconductor NCV7708FDQR2G Datasheet HTML 7Page - ON Semiconductor NCV7708FDQR2G Datasheet HTML 8Page - ON Semiconductor NCV7708FDQR2G Datasheet HTML 9Page - ON Semiconductor NCV7708FDQR2G Datasheet HTML 10Page - ON Semiconductor NCV7708FDQR2G Datasheet HTML 11Page - ON Semiconductor NCV7708FDQR2G Datasheet HTML 12Page - ON Semiconductor NCV7708FDQR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
NCV7708F
www.onsemi.com
9
SPI Communication
Standard 16−bit communication has been implemented
for the communication of this IC to turn drivers on and off,
and to report faults. (Reference the SPI Communication
Frame Format Diagram). The LSB (Least Significant Bit) is
clocked in first.
For SPI communication, the device must first be enabled
(EN = high). The SPI inputs are TTL compatible and the SO
output high level is defined by the applied VCC. The
active-low CSB input has a pull−up resistor. SPI
communication is active when CSB is low. Providing a
pull-up resistor insures the communication bus is not active
should the communication link between the microcontroller
and NCV7708F become open. SCLK and SI have
pull−down resistors. This provides known states when the
SPI is not active.
Communication is implemented as follows:
1. CSB goes low to allow serial data transfer.
2. A 16 bit word is clocked (SCLK) into the SI
(serial input) pin. The SI input signal is latched on
the falling edge of SCLK.
3. Current SO data is simultaneously shifted out on
every rising edge of SCLK starting with the LSB
(TW).
4. CSB goes high to transfer the clocked in
information to the data registers.
(Note: SO is tristate when CSB is high.)
5. The SI data will be accepted when a valid SPI
frame is detected. A valid SPI frame consists of
the above conditions and a complete set of
multiples of 16 bit words. Invalid frames are
ignored with previous input data intact.
Figure 4. SPI Communication Frame Format
SRR
OUT
L1
OUT
H1
OUT
L2
OUT
H2
OUT
L3
OUT
H3
OUT
L4
OUT
H4
OUT
L5
OUT
H5
OUT
L6
OUT
H6
OCD
ULD
OVLO
ULD
OLD
OUT
H6
OUT
L6
OUT
H5
OUT
L5
OUT
H4
OUT
L4
OUT
H3
OUT
L3
OUT
H2
OUT
L2
OUT
H1
OUT
L1
TW
PSF
CSB
SI
SCLK
SO
LSB
MSB
01
23
456
78
9
10
11
12
13
14
15


Similar Part No. - NCV7708FDQR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7708FDQR2G ONSEMI-NCV7708FDQR2G Datasheet
154Kb / 22P
   Double Hex Driver
August, 2016 ??Rev. 2
NCV7708FDQR2G ONSEMI-NCV7708FDQR2G Datasheet
154Kb / 22P
   Double Hex Driver
January, 2017 ??Rev. 3
More results

Similar Description - NCV7708FDQR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7708E ONSEMI-NCV7708E Datasheet
131Kb / 16P
   Double Hex Driver
June, 2014 ??Rev. 1
NCV7708F ONSEMI-NCV7708F_16 Datasheet
154Kb / 22P
   Double Hex Driver
August, 2016 ??Rev. 2
NCV7708 ONSEMI-NCV7708 Datasheet
137Kb / 16P
   Double Hex Driver
October, 2006 ??Rev. 1
NCV7708B ONSEMI-NCV7708B Datasheet
199Kb / 16P
   Double Hex Driver
May, 2010 ??Rev. 1
NCV7708F ONSEMI-NCV7708F_17 Datasheet
154Kb / 22P
   Double Hex Driver
January, 2017 ??Rev. 3
NCV7708A ONSEMI-NCV7708A Datasheet
138Kb / 16P
   Double Hex Driver
March, 2007 ??Rev. 0
logo
Infineon Technologies A...
TLE6208-6G INFINEON-TLE6208-6G_07 Datasheet
709Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2007-09-12
TLE6208-6 INFINEON-TLE6208-6 Datasheet
563Kb / 23P
   Hex-Half-Bridge / Double Six-Driver
2001-11-15
TLE6208-6G INFINEON-TLE6208-6G_13 Datasheet
640Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2013-10-17
logo
Rohm
BA6267 ROHM-BA6267 Datasheet
36Kb / 3P
   Hex buffer / driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com