Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7707DQR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV7707DQR2G
Description  Door-Module Driver-IC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7707DQR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV7707DQR2G Datasheet HTML 3Page - ON Semiconductor NCV7707DQR2G Datasheet HTML 4Page - ON Semiconductor NCV7707DQR2G Datasheet HTML 5Page - ON Semiconductor NCV7707DQR2G Datasheet HTML 6Page - ON Semiconductor NCV7707DQR2G Datasheet HTML 7Page - ON Semiconductor NCV7707DQR2G Datasheet HTML 8Page - ON Semiconductor NCV7707DQR2G Datasheet HTML 9Page - ON Semiconductor NCV7707DQR2G Datasheet HTML 10Page - ON Semiconductor NCV7707DQR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
NCV7707
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued)
4.5 V < VCC < 5.25 V, 8 V < Vs < 18 V, −40°C < TJ < 150°C; unless otherwise noted.
Symbol
Unit
Max
Typ
Min
Test Conditions
Parameter
MIRROR COMMON OUTPUT (X/Y, FOLD) OUT1
Ron_out1
On−resistance HS or LS
TJ = 25°C, Iout1 = ±1.5 A
0.3
W
TJ = 125°C, Iout1 = ±1.5 A
0.6
Ioc1_hs
Overcurrent threshold HS
−5
−3
A
Ioc1_ls
Overcurrent threshold LS
3
5
A
Vlim1
Vds voltage limitation HS
or LS
2
3
V
Iuld1_hs
Underload detection
threshold HS
−80
−5
mA
Iuld1_ls
Underload detection
threshold LS
10
80
mA
td_HS1(on)
Output delay time, HS
Driver on
Time from CSB going high to
V(OUT1) = 0.1
·Vs / 0.9·Vs (on/off)
2.5
12
ms
td_HS1(off)
Output delay time, HS
Driver off
3
12
ms
td_LS1(on)
Output delay time, LS
Driver on
Time from CSB going low to
V(OUT1) = 0.9
·Vs / 0.1·Vs (on/off)
1
12
ms
td_LS1(off)
Output delay time, LS
Driver off
1.5
12
ms
tdLH1
Cross conduction
protection time,
low−to−high transition
including LS slew−rate
0.5
22
ms
tdHL1
Cross conduction
protection time,
high−to−low transition
including HS slew−rate
5.5
22
ms
Ileak_act_hs1
Output HS leakage current,
Active mode
V(OUT1) = 0 V
−40
−16
mA
Ileak_act_ls1
Output pull−down current,
Active mode
V(OUT1) = VS
100
160
mA
Ileak_stdby_hs1
Output HS leakage current,
Standby mode
V(OUT1) = 0 V
−5
mA
Ileak_stdby_ls1
Output pull−down current,
Standby mode
V(OUT1) = VS, TJ w 25°C
V(OUT1) = VS, TJ < 25°C
80
120
175
mA
td_uld1
Underload blanking delay
430
3000
ms
td_old1
Overload shutdown
blanking delay
5
25
ms
frec1L
Recovery frequency, slow
recovery mode
CONTROL_3.OCRF = 0
1
4
kHz
frec1H
Recovery frequency, fast
recovery mode
CONTROL_3.OCRF = 1
2
6
kHz
dVout1
Slew rate of HS driver
Vs = 13.5 V, Rload = 16
W to GND
1
2
3
V/
ms


Similar Part No. - NCV7707DQR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7707DQR2G ONSEMI-NCV7707DQR2G Datasheet
259Kb / 38P
   Door-Module Driver-IC
September, 2016 ??Rev. 3
NCV7707DQR2G ONSEMI-NCV7707DQR2G Datasheet
313Kb / 38P
   Door-Module Driver-IC
March, 2018 ??Rev. 4
More results

Similar Description - NCV7707DQR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7710 ONSEMI-NCV7710 Datasheet
208Kb / 21P
   Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7710 ONSEMI-NCV7710_16 Datasheet
240Kb / 22P
   Door-Module Driver-IC
April, 2016 ??Rev. 0
NCV7707 ONSEMI-NCV7707_16 Datasheet
259Kb / 38P
   Door-Module Driver-IC
September, 2016 ??Rev. 3
NCV7707 ONSEMI-NCV7707_18 Datasheet
313Kb / 38P
   Door-Module Driver-IC
March, 2018 ??Rev. 4
NCV7707C ONSEMI-NCV7707C Datasheet
314Kb / 38P
   Door-Module Driver-IC
January, 2022 - Rev. 0
logo
Infineon Technologies A...
TLE8201R INFINEON-TLE8201R Datasheet
598Kb / 45P
   Door Module Power IC
Rev. 2.0 2006-06-07
logo
STMicroelectronics
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
   Door actuator driver
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
   DOOR ACTUATOR DRIVER
July 2004 REV. 3
logo
ON Semiconductor
NCV7705 ONSEMI-NCV7705 Datasheet
269Kb / 38P
   Mirror-Module Driver-IC
January, 2016 ??Rev. 0
NCV7705 ONSEMI-NCV7705_V01 Datasheet
351Kb / 38P
   Mirror-Module Driver-IC
June, 2018 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com