Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7691 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV7691
Description  Current Controller for Automotive LED Lamps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7691 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV7691 Datasheet HTML 5Page - ON Semiconductor NCV7691 Datasheet HTML 6Page - ON Semiconductor NCV7691 Datasheet HTML 7Page - ON Semiconductor NCV7691 Datasheet HTML 8Page - ON Semiconductor NCV7691 Datasheet HTML 9Page - ON Semiconductor NCV7691 Datasheet HTML 10Page - ON Semiconductor NCV7691 Datasheet HTML 11Page - ON Semiconductor NCV7691 Datasheet HTML 12Page - ON Semiconductor NCV7691 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCV7691
www.onsemi.com
9
Open Load Detection
Faulted output strings due to open load conditions
sometimes require the complete shutdown of illumination
within an automotive rear lighting system. The NCV7691
provides that feature option. When an open load is detected,
the output turns off, and can be turned back on again by a
toggle of the PWM pin or a power down of the supply (VS).
If the open load feature is not used, FLTS should be tied to
GND. Grounding FLTS disables open load detection. Short
circuit detection and thermal shutdown functions remain
active but are not reported externally. The BASE pin is
actively held low in this case.
System Voltage and Overvoltage Fold−back
Low voltage system operation is typically limited by head
room in the LED string. Because of this limitation, detection
of open loads is inactive below VS = typ 8.5 V (Open Load
Disable voltage). There is also an upper limitation. The
current roll off feature of the part resets the loop at a lower
reference voltage and consequential lower current for VS
above the Overvoltage Fold−back threshold on VS, (typ
19.5 V). The open load Detection circuitry is inactive for VS
above this Overvoltage Fold−back threshold voltage.
Open Load Timing
The timing for open load detection is programmed using
the FLTS pin. The NCV7691 device regulates a 152 mV
reference point (Figure 8 on the feedback pin (FB)). When
the voltage decreases (half of the FB Regulation Voltage) or
the base current reaches the internal 25 mA (typ) limit for
42
ms the timer associated with the FLTS pin starts by
charging the capacitor with a 2 mA current source. When the
voltage on FLTS exceeds the output Deactivation Threshold
(1.15 V (typ)), the BASE pin is pulled low and is held low
by an internal pulldown resistor.
A 42
msec blanking time during power up ensures there is
enough time for power−up to eliminate false open−load
detections. The slow FLTS discharge (600 k
W [typ]) load
(and resultant long time to restart LED drive) eliminates
flickering effects.
FLTS Interface
Figure 9 shows an open−drain logic level FET serving as
a buffer to the microprocessor.
Figure 10 shows the proper wired “OR” connection for
applications which require all channels to latch−off with an
open load condition. An open load condition will be reported
back to the microprocessor regardless of which channel it
occurs on. Note the NCV7691 device uses a feature which
allows any channel to charge the FLTS capacitor due to its
definition at a charge current value much higher than the
discharge value (2 mA versus 600 k
W [typ]). Additional
NCV7691 Single Current Controller devices device may
share the same common FLTS capacitors in systems
requiring multiple ICs.
Figure 8. Open Load Detection Circuitry
FLTS
GND
FB
BASE
C2
0.1uF
R1
1 ohm
VS
FLTS Clamp (V)
2mA
Blanking
Timer
(42 usec)
1.15V
Output
Drive
Output Deactivation Threshold
FLTS Charge
Current
BCP56
600 kW
VS
Monitoring
VS Open Load Disable
VS
Open load can be disabled by connecting FLTS to GND.
Detect
Figure 9. Open Drain Output Interface to
Microprocessor
FLTS
GND
C1
0.1uF
+
600k
2mA
1.15V
Output Deactivation Threshold
FLTS Charge Current
FLTS
pull−down
resistor
BSS138
to microprocessor
FLTS Clamp (V)
Figure 10. FLTS Wired OR to Microprocessor
FLTS
GND
C1
0.1uF
+
2mA
1.15V
Output Deactivation Threshold
FLTS Charge Current
BSS138
to microprocessor
Note – Only one timing
capacitor and interface
transistor are required for
system operation.
FLTS
GND
NCV7691
NCV7691
600k
FLTS
pull−down
resistor
FLTS Clamp (V)


Similar Part No. - NCV7691

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7692 ONSEMI-NCV7692 Datasheet
235Kb / 18P
   Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
NCV7692D10R2G ONSEMI-NCV7692D10R2G Datasheet
235Kb / 18P
   Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
NCV7693 ONSEMI-NCV7693 Datasheet
268Kb / 13P
   Controller for Automotive LED Lamps
December, 2019 ??Rev. 1
NCV7693DB0R2G ONSEMI-NCV7693DB0R2G Datasheet
268Kb / 13P
   Controller for Automotive LED Lamps
December, 2019 ??Rev. 1
NCV7694 ONSEMI-NCV7694 Datasheet
278Kb / 18P
   Safety Controller for Infra-Red LED Illumination to Complement the Image Sensor for Automotive Applications
February, 2021 ??Rev. 2
More results

Similar Description - NCV7691

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7692 ONSEMI-NCV7692 Datasheet
235Kb / 18P
   Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
logo
Rohm
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18340FV-M ROHM-BD18340FV-M Datasheet
1Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18345EFV-M ROHM-BD18345EFV-M Datasheet
3Mb / 41P
   Constant Current Controller for Automotive LED Lamps
logo
ON Semiconductor
NCV7693 ONSEMI-NCV7693 Datasheet
268Kb / 13P
   Controller for Automotive LED Lamps
December, 2019 ??Rev. 1
NCV7680 ONSEMI-NCV7680 Datasheet
231Kb / 20P
   Linear Current Regulator and Controller for Automotive LED Rear Combination Lamps
January, 2010 ??Rev. 1
logo
Rohm
BD18353EFV-M ROHM-BD18353EFV-M Datasheet
2Mb / 56P
   1ch High Current LED Controller for Automotive
05.Feb.2021 Rev.002
logo
Allegro MicroSystems
A6271 ALLEGRO-A6271 Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271-1 ALLEGRO-A6271-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com