Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS210 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS210
Description  Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS210 Datasheet(HTML) 4 Page - ON Semiconductor

  NCS210 Datasheet HTML 1Page - ON Semiconductor NCS210 Datasheet HTML 2Page - ON Semiconductor NCS210 Datasheet HTML 3Page - ON Semiconductor NCS210 Datasheet HTML 4Page - ON Semiconductor NCS210 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NCS210, NCS211, NCS212, NCS213, NCS214, NCS215
www.onsemi.com
4
Table 4. ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = −40°C to 125°C, guaranteed by characterization and/or design.
At TA = +25°C, VSENSE = VIN+ − VIN−.
NCS210, NCS213, NCS214 and NCS215: VS = +5 V, VIN+ = 12 V, and VREF = VS/2, unless otherwise noted.
NCS211 and NCS212: VS = +12 V, VIN+ = 12 V, and VREF = VS/2, unless otherwise noted.
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
DYNAMIC PERFORMANCE
Bandwidth (f−3dB)
CLOAD = 10 pF, NCS210
CLOAD = 10 pF, NCS211
CLOAD = 10 pF, NCS212
CLOAD = 10 pF, NCS213
CLOAD = 10 pF, NCS214
CLOAD = 10 pF, NCS215
BW
40
25
10
100
60
50
kHz
Slew Rate
SR
0.4
V/
ms
NOISE
Spectral Density, 1 kHz (RTI Note 6)
en
35
nV/ Hz
POWER SUPPLY
Operating Voltage Range
VSENSE = 0 mV
Vs
2.7
26
V
Quiescent Current
VSENSE = 0 mV
IDD
65
100
mA
Quiescent Current over Temperature
VSENSE = 0 mV
115
mA
Power Supply Rejection Ratio
VS = +2.7 V to +26 V, VIN+ =18 V,
VSENSE = 0 mV
PSRR
±0.1
±10
mV/V
6. RTI = referenced−to−input.
ORDERING INFORMATION
Device
Gain
Marking
Package
Shipping
NCS210SQT2G
200
AAP
SC70−6
3000 / Tape and Reel
NCS211SQT2G (In Development)**
500
AAM
SC70−6
3000 / Tape and Reel
NCS212SQT2G (In Development)**
1000
AAN
SC70−6
3000 / Tape and Reel
NCS213SQT2G (In Development)**
50
AAQ
SC70−6
3000 / Tape and Reel
NCS214SQT2G (In Development)**
100
AAR
SC70−6
3000 / Tape and Reel
NCS215SQT2G (In Development)**
75
AAS
SC70−6
3000 / Tape and Reel
NCV210SQT2G * (In Development)**
200
AAP
SC70−6
3000 / Tape and Reel
NCV211SQT2G * (In Development)**
500
AAM
SC70−6
3000 / Tape and Reel
NCV212SQT2G * (In Development)**
1000
AAN
SC70−6
3000 / Tape and Reel
NCV213SQT2G * (In Development)**
50
AAQ
SC70−6
3000 / Tape and Reel
NCV214SQT2G * (In Development)**
100
AAR
SC70−6
3000 / Tape and Reel
NCV215SQT2G * (In Development)**
75
AAS
SC70−6
3000 / Tape and Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.
** Contact local sales office for availability.


Similar Part No. - NCS210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS210 ONSEMI-NCS210 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210MUTAG ONSEMI-NCS210MUTAG Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210R ONSEMI-NCS210R Datasheet
661Kb / 20P
   Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
NCS210R ONSEMI-NCS210R Datasheet
743Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
NCS210R ONSEMI-NCS210R Datasheet
740Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
More results

Similar Description - NCS210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA282 TI-INA282 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com