Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS210 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS210
Description  Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS210 Datasheet(HTML) 1 Page - ON Semiconductor

  NCS210 Datasheet HTML 1Page - ON Semiconductor NCS210 Datasheet HTML 2Page - ON Semiconductor NCS210 Datasheet HTML 3Page - ON Semiconductor NCS210 Datasheet HTML 4Page - ON Semiconductor NCS210 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2015 − Rev. 0
1
Publication Order Number:
NCS210/D
NCS210, NCS211, NCS212,
NCS213, NCS214, NCS215
Current-Shunt Monitor,
Voltage Output,
Bi-Directional Zero-Drift
The NCS210, NCS211, NCS212, NCS213, NCS214, and NCS215
are voltage output current shunt monitors that can measure voltage
across shunts at common−mode voltages from −0.3 V to 26 V,
independent of supply voltage. Six fixed gains are available: 50 V/V,
75 V/V, 100 V/V, 200 V/V, 500 V/V, or 1000 V/V. The low offset of
the zero−drift architecture enables current sensing with maximum
drops across the shunt as low as 10 mV full−scale.
The devices can operate from a single +2.7 V to +26 V power
supply, drawing a maximum of 100
mA of supply current. All versions
are specified over the extended operating temperature range (–40
°C to
+125
°C).
Features
Wide Common−Mode Input Range −0.3 V to 26 V
Supply Voltage Range from 2.7 V to 26 V
Low Offset Voltage ±60 mV Max
Low Offset Drift (0.1 mV/°C)
Low Gain Error (max 1%)
Rail−to−rail Input and Output Capability
Low Current Consumption (typ 65 mA, 100 mA max)
NCV Prefix for Automotive and Other Applications Requiring
Unique Site Qualified and PPAP Capable
These are Pb−free Devices
Typical Applications
Current Sensing (High−Side/Low−Side)
Automotive
Telecom
Sensors
SC70−6
SQ SUFFIX
CASE 419B
MARKING DIAGRAM
www.onsemi.com
1
2
3
4
5
6
REF
GND
OUT
IN−
IN+
PIN CONNECTIONS
See detailed ordering, marking and shipping information on
page 4 of this data sheet.
ORDERING INFORMATION
XXXM
G
G
XXX = Specific Device Code (See page 4)
M
= Date Code
G
= Pb−Free Package
1
6
(Note: Microdot may be in either location)
VS
Product
NCS213
Gain
R3−R4
R1−R2
50
20 k
W
1 M
W
NCS215
75
13.3 k
W
1 M
W
NCS214
100
10 k
W
1 M
W
NCS210
200
5 k
W
1 M
W
NCS211
500
2 k
W
1 M
W
NCS212
1000
1 k
W
1 M
W
V
OUT + ILOAD
R
SHUNT GAIN ) VREF


Similar Part No. - NCS210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS210 ONSEMI-NCS210 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210MUTAG ONSEMI-NCS210MUTAG Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210R ONSEMI-NCS210R Datasheet
661Kb / 20P
   Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
NCS210R ONSEMI-NCS210R Datasheet
743Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
NCS210R ONSEMI-NCS210R Datasheet
740Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
More results

Similar Description - NCS210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA282 TI-INA282 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com