Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6951B Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP6951B
Description  Camera PMIC with Flash LED Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6951B Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP6951B Datasheet HTML 6Page - ON Semiconductor NCP6951B Datasheet HTML 7Page - ON Semiconductor NCP6951B Datasheet HTML 8Page - ON Semiconductor NCP6951B Datasheet HTML 9Page - ON Semiconductor NCP6951B Datasheet HTML 10Page - ON Semiconductor NCP6951B Datasheet HTML 11Page - ON Semiconductor NCP6951B Datasheet HTML 12Page - ON Semiconductor NCP6951B Datasheet HTML 13Page - ON Semiconductor NCP6951B Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
NCP6951B
www.onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 4. DCDC1 Efficiency vs. IOUT (auto
mode) VOUT = 1.8 V
Figure 5. DCDC1 Efficiency vs. IOUT (auto
mode) VOUT = 2.3 V
IOUT (mA)
IOUT (mA)
1000
100
10
1
0.1
50
55
65
70
80
85
90
100
1000
100
10
1
0.1
50
55
65
70
75
85
90
100
Figure 6. LDO1 Load Regulation (VOUT = 2.8 V)
Figure 7. LDO1 Load Regulation (VOUT = 3.3 V)
IOUT (mA)
IOUT (mA)
250
200
150
100
50
0
−1.0
−0.5
0
0.5
1.0
250
200
150
100
50
0
−1.0
−0.5
0
0.5
1.0
Figure 8. LDO1 Load Regulation (VOUT = 1.8 V)
Figure 9. LDO1 Load Regulation (VOUT = 1.2 V)
IOUT (mA)
IOUT (mA)
250
200
150
100
50
0
−1.0
−0.5
0
0.5
1.0
250
200
150
100
50
0
−1.0
−0.5
0
0.5
1.0
Vin = 5.5 V
Vin = 5.0 V
Vin = 4.2 V
Vin = 3.6 V
Vin = 3.2 V
Vin = 2.9 V
Vin = 2.7 V
Vin = 2.5 V
60
75
95
Vin = 5.5 V
Vin = 5.0 V
Vin = 4.2 V
Vin = 3.9 V
Vin = 3.6 V
Vin = 3.3 V
Vin = 2.9 V
Vin = 2.7 V
60
80
95
Vin = 5.5 V
Vin = 5.0 V
Vin = 4.2 V
Vin = 3.6 V
Vin = 3.3 V
Vin = 3.2 V
Vin = 3.2 V
Vin = 3.0 V
Vin = 5.5 V
Vin = 5.0 V
Vin = 4.2 V
Vin = 3.9 V
Vin = 3.8 V
Vin = 3.7 V
Vin = 3.6 V
Vin = 3.5 V
Vin = 5.5 V
Vin = 5.0 V
Vin = 4.2 V
Vin = 3.6 V
Vin = 2.9 V
Vin = 2.7 V
Vin = 2.5 V
Vin = 2.3 V
Vin = 5.5 V
Vin = 5.0 V
Vin = 4.2 V
Vin = 3.6 V
Vin = 2.5 V
Vin = 1.9 V
Vin = 1.8 V
Vin = 1.7 V


Similar Part No. - NCP6951B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690 ONSEMI-NCP690 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP690 ONSEMI-NCP690 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP690MN15T2G ONSEMI-NCP690MN15T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP690MN15T2G ONSEMI-NCP690MN15T2G Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP690MN18T2G ONSEMI-NCP690MN18T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
More results

Similar Description - NCP6951B

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6164GUT ROHM-BD6164GUT Datasheet
558Kb / 21P
   320mA LED Camera Flash Driver
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612_08 Datasheet
296Kb / 14P
   Programmable 300mA Camera Flash LED Driver
CAT3612 CATALYST-CAT3612 Datasheet
450Kb / 13P
   Programmable 300mA Camera Flash LED Driver
logo
Nippon Precision Circui...
SM8150A NPC-SM8150A Datasheet
343Kb / 22P
   PMIC with White LED Driver
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
   Charge Pump LED Driver For Camera Flash
logo
ON Semiconductor
CAT3612 ONSEMI-CAT3612 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
logo
Asahi Kasei Microsystem...
AP2061 AKM-AP2061 Datasheet
1Mb / 24P
   2.0A High-side LED Driver for Camera Flash with I2C
AP2061AEC AKM-AP2061AEC Datasheet
1Mb / 29P
   2.0A High-side LED Driver for Camera Flash with I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com