Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6361 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP6361
Description  Buck Converter with Bypass Mode for RF Power Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6361 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP6361 Datasheet HTML 1Page - ON Semiconductor NCP6361 Datasheet HTML 2Page - ON Semiconductor NCP6361 Datasheet HTML 3Page - ON Semiconductor NCP6361 Datasheet HTML 4Page - ON Semiconductor NCP6361 Datasheet HTML 5Page - ON Semiconductor NCP6361 Datasheet HTML 6Page - ON Semiconductor NCP6361 Datasheet HTML 7Page - ON Semiconductor NCP6361 Datasheet HTML 8Page - ON Semiconductor NCP6361 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCP6361
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Analog and power pins: PVIN, SW, FB
VA
−0.3 to + 7.0
V
VCON pin
VVCON
−0.3 to + 2.5
V
Digital pins: EN, BPEN & FSEL:
Input Voltage
Input Current
VDG
IDG
−0.3 to VA +0.3 ≤ 7.0
10
V
mA
Operating Ambient Temperature Range
TA
−40 to +85
°C
Operating Junction Temperature Range (Note 1)
TJ
−40 to +125
°C
Storage Temperature Range
TSTG
−65 to + 150
°C
Maximum Junction Temperature
TJMAX
−40 to +150
°C
Thermal Resistance Junction−to−Ambient (Note 2)
RqJA
85
°C/W
Moisture Sensitivity (Note 3)
MSL
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The thermal shutdown set to 165
°C (typical) avoids potential irreversible damage on the device due to power dissipation.
2. The Junction−to−Ambient thermal resistance is a function of Printed Circuit Board (PCB) layout and application. This data is measured using
4−layer PCBs (2s2p). For a given ambient temperature TA it has to be pay attention to not exceed the max junction temperature TJMAX.
3. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020A.
OPERATING CONDITIONS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PVIN
Power Supply (Note 4)
2.5
5.5
V
L
Inductor for DCDC converter (Note 5)
F = 6 MHz
0.47
mH
Co
Output Capacitor for DCDC Converter
(Note 5)
F = 6 MHz, L = 0.47
mH
4.7
33
mF
Co
Output Capacitor for DCDC Converter
(Note 5)
F = 6 MHz, L = 0.33
mH
33
220
mF
L
Inductor for DCDC converter (Note 5)
F = 3.429 MHz
1
mH
Co
Output Capacitor for DCDC Converter
(Note 5)
F = 3.429 MHz, L = 1
mH
4.7
33
mF
Co
Output Capacitor for DCDC Converter
(Note 5)
F = 3.429 MHz, L = 0.47
mH
33
220
mF
Cin
Input Capacitor for DCDC Converter
(Note 5)
4.7
10
mF
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
4. Operation above 5.5 V input voltage for extended period may affect device reliability.
5. Including de−ratings (refer to application information section of this document for further details)


Similar Part No. - NCP6361

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6360 ONSEMI-NCP6360 Datasheet
1Mb / 17P
   Mini Buck Converter for RF Power Amplifiers
February, 2014 - Rev. 2
NCP6360FCCT2G ONSEMI-NCP6360FCCT2G Datasheet
1Mb / 17P
   Mini Buck Converter for RF Power Amplifiers
February, 2014 - Rev. 2
More results

Similar Description - NCP6361

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5903 ONSEMI-FAN5903 Datasheet
2Mb / 21P
   Buck Converter with Bypass Mode
Rev. 1.0.9
2SC5490A ONSEMI-2SC5490A Datasheet
478Kb / 7P
   Mini Buck Converter for RF Power Amplifiers
August, 2013
NMF3506 ONSEMI-NMF3506 Datasheet
48Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
March, 2004 ??Rev. P0
NCP6360 ONSEMI-NCP6360 Datasheet
1Mb / 17P
   Mini Buck Converter for RF Power Amplifiers
February, 2014 - Rev. 2
LC74735YW ONSEMI-LC74735YW Datasheet
344Kb / 52P
   Mini Buck Converter for RF Power Amplifiers
July, 2013
NL17SZYYXV5T2 ONSEMI-NL17SZYYXV5T2 Datasheet
95Kb / 4P
   Mini Buck Converter for RF Power Amplifiers
November, 2002 ??Rev. 2
NCP81039 ONSEMI-NCP81039 Datasheet
183Kb / 11P
   Mini Buck Converter for RF Power Amplifiers
November, 2011 ??Rev. P0
SB20-03P ONSEMI-SB20-03P Datasheet
317Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
September, 2013
STK984-190-E ONSEMI-STK984-190-E Datasheet
576Kb / 9P
   Mini Buck Converter for RF Power Amplifiers
October 2015 - Rev. P0
logo
Texas Instruments
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com