Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6336 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP6336
Description  Configurable 5.0 A Step Down Converter - Transient Load Helper
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6336 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP6336 Datasheet HTML 2Page - ON Semiconductor NCP6336 Datasheet HTML 3Page - ON Semiconductor NCP6336 Datasheet HTML 4Page - ON Semiconductor NCP6336 Datasheet HTML 5Page - ON Semiconductor NCP6336 Datasheet HTML 6Page - ON Semiconductor NCP6336 Datasheet HTML 7Page - ON Semiconductor NCP6336 Datasheet HTML 8Page - ON Semiconductor NCP6336 Datasheet HTML 9Page - ON Semiconductor NCP6336 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
NCP6336
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (Notes 10 and 11)
Min and Max Limits apply for TA = −40°C to +85°C, AVIN = PVIN = 3.6 V and default configuration, unless otherwise specified.
Typical values are referenced to TA = +25°C, AVIN = PVIN = 3.6 V and default configuration, unless otherwise specified.
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
EN, VSEL
VIH
High input voltage
1.05
V
VIL
Low input voltage
0.4
V
TFTR
Digital input X Filter
EN, VSEL rising and falling
DBN_Time = 01 (Note 12)
0.5
4.5
ms
IPD
Digital input X Pull−Down
(input bias current)
0.05
1.00
mA
PG (Optional)
VPGL
Power Good Threshold
Falling edge as a percentage of
nominal output voltage
86
90
94
%
VPGHYS
Power Good Hysteresis
0
3
5
%
TRT
Power Good Reaction Time for
DCDC
Falling (Note 12)
Rising (Note 12)
3.5
3.5
14
ms
VPGL
Power Good low output voltage
IPG = 5 mA
0.2
V
PGLK
Power Good leakage current
3.6 V at PG pin when power good valid
100
nA
VPGH
Power Good high output voltage
Open drain
5.5
V
INTB (Optional)
VINTBL
INTB low output voltage
IINT = 5 mA
0
0.2
V
VINTBH
INTB high output voltage
Open drain
5.5
V
INTBLK
INTB leakage current
3.6 V at INTB pin when INTB valid
100
nA
I2C
VI2CINT
High level at SCL/SCA line
1.7
5.0
V
VI2CIL
SCL, SDA low input voltage
SCL, SDA pin (Note 11, 12)
0.5
V
VI2CIH
SCL, SDA high input voltage
SCL, SDA pin (Note 11, 12)
0.8 *
VI2CINT
V
VI2COL
SDA low output voltage
ISINK = 3 mA (Note 12)
0.4
V
FSCL
I2C clock frequency
(Note 12)
3.4
MHz
TOTAL DEVICE
VUVLO
Under Voltage Lockout
VIN falling
2.3
V
VUVLOH
Under Voltage Lockout Hysteresis
VIN rising
60
200
mV
TSD
Thermal Shut Down Protection
150
°C
TWARNING
Warning Rising Edge
135
°C
TPWTH
Pre − Warning Threshold
I2C default value
105
°C
TSDH
Thermal Shut Down Hysteresis
30
°C
TWARNINGH
Thermal warning Hysteresis
15
°C
TPWTH H
Thermal pre−warning Hysteresis
6
°C
9. Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Prod-
uct performance may not be indicated by the Electrical Characteristics if operated under different conditions.
10. Refer to the Application Information section of this data sheet for more details.
11. Devices that use non−standard supply voltages which do not conform to the intent I2C bus system levels must relate their input levels
to the VDD voltage to which the pull−up resistors RP are connected.
12. Guaranteed by design and characterized.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP6336

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6332B ONSEMI-NCP6332B Datasheet
260Kb / 14P
   1.2A Synchronous Buck Converter
November, 2012 ??Rev. 2
NCP6332BMTAATBG ONSEMI-NCP6332BMTAATBG Datasheet
260Kb / 14P
   1.2A Synchronous Buck Converter
November, 2012 ??Rev. 2
NCP6332C ONSEMI-NCP6332C Datasheet
260Kb / 14P
   1.2A Synchronous Buck Converter
November, 2012 ??Rev. 2
NCP6332CMTAATBG ONSEMI-NCP6332CMTAATBG Datasheet
260Kb / 14P
   1.2A Synchronous Buck Converter
November, 2012 ??Rev. 2
NCP6332 ONSEMI-NCP6332_12 Datasheet
260Kb / 14P
   3MHz, 1.2A Synchronous Buck Converter
November, 2012 ??Rev. 2
More results

Similar Description - NCP6336

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6335G ONSEMI-NCP6335G Datasheet
1Mb / 29P
   Configurable 5.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 0
NCV6336 ONSEMI-NCV6336 Datasheet
1Mb / 31P
   Step Down Converter - Transient Load Helper, Configurable
August, 2019 ??Rev. 0
NCP6335 ONSEMI-NCP6335 Datasheet
1Mb / 30P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 5
NCP6335FFCCT1G ONSEMI-NCP6335FFCCT1G Datasheet
1Mb / 35P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
June, 2015 ??Rev. 2
NCV6357 ONSEMI-NCV6357 Datasheet
2Mb / 34P
   Step Down Converter - AOT, Configurable 5.0 A
October, 2019 - Rev. 4
NCV6356 ONSEMI-NCV6356 Datasheet
2Mb / 34P
   AOT Step Down Converter, Configurable 5.0 A
August, 2019 - Rev. 0
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
logo
Diodes Incorporated
PAM2325 DIODES-PAM2325 Datasheet
553Kb / 12P
   FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
logo
Advanced Analogic Techn...
AAT1146 ANALOGICTECH-AAT1146_08 Datasheet
668Kb / 20P
   Fast Transient 400mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com