Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6335G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP6335G
Description  Configurable 5.0 A Step Down Converter - Transient Load Helper
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6335G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP6335G Datasheet HTML 1Page - ON Semiconductor NCP6335G Datasheet HTML 2Page - ON Semiconductor NCP6335G Datasheet HTML 3Page - ON Semiconductor NCP6335G Datasheet HTML 4Page - ON Semiconductor NCP6335G Datasheet HTML 5Page - ON Semiconductor NCP6335G Datasheet HTML 6Page - ON Semiconductor NCP6335G Datasheet HTML 7Page - ON Semiconductor NCP6335G Datasheet HTML 8Page - ON Semiconductor NCP6335G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
NCP6335G
http://onsemi.com
2
Core
Thermal
Protection
Output Voltage
Monitoring
Operating
Mode Control
Logic Control
Interrupt
I2C
3 MHZ DC−DC
converter
Controller
Sense
EN
AGND
PG
VSEL
INTB
SCL
SDA
SW
SW
SW
SW
PGND
PGND
PGND
PGND
FB
PVIN
PVIN
PVIN
5.0 A
DC−DC
MODULAR
DRIVER
ANALOG GROUND
ENABLE CONTROL INPUT
VOLTAGE SELECTION
INTERRUPT OUTPUT
PROCESSOR I2C
CONTROL INTERFACE
POWER GOOD
(optional)
POWER INPUT
SWITCH NODE
POWER GROUND
FEEDBACK
AVIN
SUPPLY INPUT
(optional)
Figure 2. Simplified Block Diagram


Similar Part No. - NCP6335G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6335 ONSEMI-NCP6335 Datasheet
1Mb / 30P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 5
NCP6335AFCCT1G ONSEMI-NCP6335AFCCT1G Datasheet
1Mb / 35P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
June, 2015 ??Rev. 2
NCP6335BFCCT1G ONSEMI-NCP6335BFCCT1G Datasheet
1Mb / 35P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
June, 2015 ??Rev. 2
NCP6335DFCCT1G ONSEMI-NCP6335DFCCT1G Datasheet
1Mb / 35P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
June, 2015 ??Rev. 2
NCP6335DFCT1G ONSEMI-NCP6335DFCT1G Datasheet
1Mb / 30P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 5
More results

Similar Description - NCP6335G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6336 ONSEMI-NCP6336 Datasheet
1Mb / 30P
   Configurable 5.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. P2
NCV6336 ONSEMI-NCV6336 Datasheet
1Mb / 31P
   Step Down Converter - Transient Load Helper, Configurable
August, 2019 ??Rev. 0
NCP6335 ONSEMI-NCP6335 Datasheet
1Mb / 30P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 5
NCP6335FFCCT1G ONSEMI-NCP6335FFCCT1G Datasheet
1Mb / 35P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
June, 2015 ??Rev. 2
NCV6357 ONSEMI-NCV6357 Datasheet
2Mb / 34P
   Step Down Converter - AOT, Configurable 5.0 A
October, 2019 - Rev. 4
NCV6356 ONSEMI-NCV6356 Datasheet
2Mb / 34P
   AOT Step Down Converter, Configurable 5.0 A
August, 2019 - Rev. 0
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
logo
Diodes Incorporated
PAM2325 DIODES-PAM2325 Datasheet
553Kb / 12P
   FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
logo
Advanced Analogic Techn...
AAT1146 ANALOGICTECH-AAT1146_08 Datasheet
668Kb / 20P
   Fast Transient 400mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com