Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6335FFCCT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP6335FFCCT1G
Description  Configurable 4.0 A Step Down Converter - Transient Load Helper
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6335FFCCT1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP6335FFCCT1G Datasheet HTML 2Page - ON Semiconductor NCP6335FFCCT1G Datasheet HTML 3Page - ON Semiconductor NCP6335FFCCT1G Datasheet HTML 4Page - ON Semiconductor NCP6335FFCCT1G Datasheet HTML 5Page - ON Semiconductor NCP6335FFCCT1G Datasheet HTML 6Page - ON Semiconductor NCP6335FFCCT1G Datasheet HTML 7Page - ON Semiconductor NCP6335FFCCT1G Datasheet HTML 8Page - ON Semiconductor NCP6335FFCCT1G Datasheet HTML 9Page - ON Semiconductor NCP6335FFCCT1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
NCP6335xFCCT1G
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS (Note 9)
Min and Max Limits apply for TA = −40°C to +85°C, AVIN = PVIN = 3.6 V and default configuration, unless otherwise specified.
Typical values are referenced to TA = + 25°C, AVIN = PVIN = 3.6 V and default configuration, unless otherwise specified.
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
DCDC CONVERTER
RDISDCDC
DCDC Active Output Discharge
VOUT = 1.15 V
25
35
W
EN, VSEL
VIH
High input voltage
1.05
V
VIL
Low input voltage
0.4
V
TFTR
Digital input X Filter
EN, VSEL rising and falling
DBN_Time = 01 (Note 10)
0.5
4.5
ms
IPD
Digital input X Pull−Down
(input bias current)
0.05
1.00
mA
PG (Optional)
VPGL
Power Good Threshold
Falling edge as a percentage of
nominal output voltage
86
90
94
%
VPGHYS
Power Good Hysteresis
0
3
5
%
TRT
Power Good Reaction Time for
DCDC
Falling (Note 10)
Rising (Note 10)
3.5
3.5
14
ms
VPGL
Power Good low output voltage
IPG = 5 mA
0.2
V
PGLK
Power Good leakage current
3.6 V at PG pin when power good valid
100
nA
VPGH
Power Good high output voltage
Open drain
5.5
V
INTB (Optional)
VINTBL
INTB low output voltage
IINT = 5 mA
0
0.2
V
VINTBH
INTB high output voltage
Open drain
5.5
V
INTBLK
INTB leakage current
3.6 V at INTB pin when INTB valid
100
nA
I2C
VI2CINT
High level at SCL/SCA line
1.7
5.0
V
VI2CIL
SCL, SDA low input voltage
SCL, SDA pin (Note 8, 10)
0.5
V
VI2CIH
SCL, SDA high input voltage
SCL, SDA pin (Note 8, 10)
0.8 *
VI2CINT
V
VI2COL
SDA low output voltage
ISINK = 3 mA (Note 10)
0.4
V
FSCL
I2C clock frequency
(Note 10)
3.4
MHz
TOTAL DEVICE
VUVLO
Under Voltage Lockout
VIN falling
2.3
V
VUVLOH
Under Voltage Lockout
Hysteresis
VIN rising
60
200
mV
TSD
Thermal Shut Down Protection
150
°C
TWARNING
Warning Rising Edge
135
°C
TPWTH
Pre − Warning Threshold
I2C default value
105
°C
TSDH
Thermal Shut Down Hysteresis
30
°C
TWARNINGH
Thermal warning Hysteresis
15
°C
TPWTH H
Thermal pre−warning Hysteresis
6
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
8. Devices that use non−standard supply voltages which do not conform to the intent I2C bus system levels must relate their input levels
to the VDD voltage to which the pull−up resistors RP are connected.
9. Refer to the Application Information section of this data sheet for more details.
10.Guaranteed by design and characterized.


Similar Part No. - NCP6335FFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6335FFCT1G ONSEMI-NCP6335FFCT1G Datasheet
1Mb / 30P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 5
NCP6335FFCT2G ONSEMI-NCP6335FFCT2G Datasheet
1Mb / 30P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 5
More results

Similar Description - NCP6335FFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6335 ONSEMI-NCP6335 Datasheet
1Mb / 30P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 5
NCV6336 ONSEMI-NCV6336 Datasheet
1Mb / 31P
   Step Down Converter - Transient Load Helper, Configurable
August, 2019 ??Rev. 0
NCP6335G ONSEMI-NCP6335G Datasheet
1Mb / 29P
   Configurable 5.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 0
NCP6336 ONSEMI-NCP6336 Datasheet
1Mb / 30P
   Configurable 5.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. P2
NCV6356 ONSEMI-NCV6356 Datasheet
2Mb / 34P
   AOT Step Down Converter, Configurable 5.0 A
August, 2019 - Rev. 0
NCV6357 ONSEMI-NCV6357 Datasheet
2Mb / 34P
   Step Down Converter - AOT, Configurable 5.0 A
October, 2019 - Rev. 4
logo
Diodes Incorporated
PAM2325 DIODES-PAM2325 Datasheet
553Kb / 12P
   FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
logo
Advanced Analogic Techn...
AAT1146 ANALOGICTECH-AAT1146_08 Datasheet
668Kb / 20P
   Fast Transient 400mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com